Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 24Page - Cirrus Logic CS42L50 Datasheet HTML 25Page - Cirrus Logic CS42L50 Datasheet HTML 26Page - Cirrus Logic CS42L50 Datasheet HTML 27Page - Cirrus Logic CS42L50 Datasheet HTML 28Page - Cirrus Logic CS42L50 Datasheet HTML 29Page - Cirrus Logic CS42L50 Datasheet HTML 30Page - Cirrus Logic CS42L50 Datasheet HTML 31Page - Cirrus Logic CS42L50 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
CS42L50
28
DS544PP1
4.2.19 DE-EMPHASIS CONTROL (DEM)
Default = 00
00 - Disabled
01 - 44.1 kHz
10 - 48 kHz
11 - 32 kHz
Function:
Selects the appropriate digital filter to maintain the standard 15
µs/50 µs digital de-emphasis filter re-
sponse at 32, 44.1 or 48 kHz sample rates. (see Figure 31)
Note:
De-emphasis is not available in Double Speed Mode.
4.2.20 DIGITAL VOLUME CONTROL BYPASS (VCBYP)
Default = 0
0 - Disabled
1 - Enabled
Function:
The digital volume control section is bypassed when this function is enabled. This disables the digital vol-
ume control, muting, bass boost, treble boost, limiting and ATAPI functions. The analog headphone at-
tenuation control will remain functional.
4.2.21 Volume and Mixing Control (address 0Ah)
4.2.22 TONE CONTROL MODE (TC)
Default = 00
00 - All settings are taken from user registers
01 - 12 dB of Bass Boost at 100 Hz and 6 dB of Treble Boost at 7 kHz
10 - 8 dB of Bass Boost at 100 Hz and 4 dB of Treble Boost at 7 kHz
11 - 4 dB of Bass Boost at 100 Hz and 2 dB of Treble Boost at 7 kHz
Function:
The Tone Control Mode bits determine how the Bass Boost and Treble Boost features are configured.
The user defined settings from the Bass and Treble Boost Level and Corner Frequency registers are used
when these bits are set to ‘00’. Alternately, one of three pre-defined settings may be used.
4.2.23 TONE CONTROL ENABLE (TC_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The Bass Boost and Treble Boost features are active when this function is enabled.
765
4321
0
TC1
TC0
TC_EN
LIM_EN
ATAPI3
ATAPI2
ATAPI1
ATAPI0
000
0100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com