Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L50 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 14Page - Cirrus Logic CS42L50 Datasheet HTML 15Page - Cirrus Logic CS42L50 Datasheet HTML 16Page - Cirrus Logic CS42L50 Datasheet HTML 17Page - Cirrus Logic CS42L50 Datasheet HTML 18Page - Cirrus Logic CS42L50 Datasheet HTML 19Page - Cirrus Logic CS42L50 Datasheet HTML 20Page - Cirrus Logic CS42L50 Datasheet HTML 21Page - Cirrus Logic CS42L50 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
CS42L50
18
DS544PP1
4. REGISTER DESCRIPTION
4.1
ADC (Address = 0010000)
4.1.1 I/O and Power Control (address 01h)
4.1.2
20DB GAIN BOOST (BOOST)
Default = 0
0 - Disabled
1 - Enabled
Function:
Applies a 20dB digital gain to the input signal, regardless of the input path.
4.1.3 ANALOG INPUT MULTIPLEXER (AINMUX)
Default = 00
00 - Channel 1 direct to A/D
01 - Channel 2 direct to A/D
10 - Channel 2 through PGA to A/D
11 - Reserved
Function:
The analog input multiplexer selects the input channel as well as the input path ass
ociated with various
gain stages.
4.1.4 POWER DOWN (PDN)
Default - 1
0 - Disabled
1 - Enabled
Function:
The entire ADC device will enter a low-power state whenever this function is activated. The power-down
bit defaults to ‘enabled’ on power-up and must be disabled before normal operation will begin. The con-
tents of the control registers are retained when this mode is enabled.
4.1.5 CONTROL PORT ENABLE (CP_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The ADC will enter control port mode when this bit is enabled. This bit must be set prior to writing to the
control port.
765
4321
0
RESERVED
BOOST
AINMUX1
AINMUX0
RESERVED
RESERVED
PDN
CP_EN
000
0001
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com