Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 19 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 15Page - Texas Instruments LM4935RLEVAL Datasheet HTML 16Page - Texas Instruments LM4935RLEVAL Datasheet HTML 17Page - Texas Instruments LM4935RLEVAL Datasheet HTML 18Page - Texas Instruments LM4935RLEVAL Datasheet HTML 19Page - Texas Instruments LM4935RLEVAL Datasheet HTML 20Page - Texas Instruments LM4935RLEVAL Datasheet HTML 21Page - Texas Instruments LM4935RLEVAL Datasheet HTML 22Page - Texas Instruments LM4935RLEVAL Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
Table 4-1. Register Map (continued)
Address
Register
7
6
5
4
3
2
1
0
0x24h
TRIG_2
TRIG_2 [3:0]
SOURCE
DIR
ENB
0x25h
TRIG_2_M
TRIG_2 [11:4]
SB
0x26h
DEBUG
GPIO_TES
RSVD
RSVD
RSVD
SOFT
RSVD
RSVD
RSVD
T
RESET
_MODE
For all registers, the default setting of data bits 7 through 0 are all set to zero.
RESERVED bits should always be set to zero.
4.2.1
BASIC CONFIGURATION REGISTER
This register is used to control the basic function of the chip.
Table 4-2. BASIC (0x00h)
Bits
Field
Description
1:0
CHIP_MODE
The LM4935 can be placed in one of four modes which dictate its basic operation. When a new mode is
selected the LM4935 will change operation silently and will re-configure the power management profile
automatically. The modes are described as follows:
CHIP MODE
Audio System
Detection System
Typical Application
002
Off
Off
Power-down Mode
012
Off
On
Stand-by mode with headset event detection
102
On
Off
Active without headset event detection
112
On
On
Active with headset event detection
2
PLL_ENABLE
If set the PLL can be used.
3
USE_OSC
If set the power management and control circuits will assume that no external clock is available and will resort
to using an on-chip oscillator for SAR, headset detection and analog power management functions such as
click and pop.
5:4
CAP_SIZE
Programs the extra delays required to stabilize once charge/discharge is complete, based on the size of the
bypass capacitor.
CAP_SIZE
Bypass Capacitor Size
Turn-off/on time
002
0.1 µF
45 ms/75 ms
012
1 µF
45 ms/140 ms
102
2.2 µF
45 ms/260 ms
112
4.7 µF
45 ms/500 ms
6
STEREO
If set, the mixers assume that the signals on the left and right internal busses are highly correlated and when
these signals are combined their levels are reduced by 6 dB to allow enough headroom for them to be summed
at the Loudspeaker, Earpiece, CPOUT, and AUXOUT amplifiers. For the Headphone amplifier, if this bit is set,
the left and right signal levels are routed to the corresponding left or right headphone output; if this bit is
cleared, the left and the right signals are added and routed to both headphone outputs and their levels are
reduced by 6dB to allow enough headroom.
7
OCL
If set the part is placed in OCL (Output Capacitor Less) mode.
For reliable headset / push button detection the following bits should be defined before enabling the
headset detection system by setting bit 0 of CHIP_MODE:
The OCL-bit (Cap / Capless headphone interface; bit 7 of this register)
The headset insert/removal debounce settings (bits 6:3 of DETECT (0x17h))
The BTN_TYPE-bit (Parallel / Series push button type; bit 3 MIC_2 register (0x0Ch))
The parallel push button debounce settings (bits 5:4 of MIC_2 register (0x0Ch))
All register fields controlling the audio system should be defined before setting bit 1 of CHIP_MODE and
should not be altered while the audio sub-system is active.
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
19
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com