Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 43 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 39Page - Texas Instruments LM4935RLEVAL Datasheet HTML 40Page - Texas Instruments LM4935RLEVAL Datasheet HTML 41Page - Texas Instruments LM4935RLEVAL Datasheet HTML 42Page - Texas Instruments LM4935RLEVAL Datasheet HTML 43Page - Texas Instruments LM4935RLEVAL Datasheet HTML 44Page - Texas Instruments LM4935RLEVAL Datasheet HTML 45Page - Texas Instruments LM4935RLEVAL Datasheet HTML 46Page - Texas Instruments LM4935RLEVAL Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
SDI
15
14
CLK
Ignored
8
Address
SAR Data
GPIO2
4
1
11
TEST_MODE/CS
SDI
15
14
0
1
CLK
11
12
SAR Data
GPIO2
0
1
11
13
TEST_MODE/CS
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
The full scale digital output from the SAR is equal to 2.5V. The A_VDD and D_VDD inputs are divided by
two during sampling. The SAR ADC can be activated at any time, even while the chip is in shutdown
mode (chip mode '00'). This allows the LM4935 to perform housekeeping duties such as voltage
monitoring with minimal power consumption.
*Depending on SLOT_2_VBB in SAR_SLOT23 (0x1Ch).
Only the 8 MSBS [11:4] from the 12 bits of SAR output data can be read back using the I2C interface.
The SPI interface can be used to access all 12 bits of the SAR output data. In this case, GPIO2 should be
set to SAR_SDO by setting GPIO_SEL in register (0x1Ah). The SAR channel selected by SAR_CH_SEL
in the GPIO register is then output onto GPIO2 as follows:
Figure 4-17. SPI SAR Read Transaction (GPIO2 set to SAR_SDO)
In applications where the 8 MSBS [11:4] from the SAR output data is enough resolution, GPIO2 should be
set to SPI_SDO by setting GPIO_SEL in register (0x1Ah). The SAR data is then output on GPIO2 as
follows:
Figure 4-18. SPI SAR Read Transaction (GPIO2 set to SPI_SDO)
If the user performs a write to the GPIO register the changes will not take effect until the next SPI
operation so SAR data can be read while the next channel is being selected. The SAR data is sampled at
the start of the SPI transaction to ensure that the data is stable during the read operation.
All 12 bits of the SAR output data for up to 2 SAR channels can be read back simultaneously through the
bi-directional I2S interface. This is accomplished by setting I2S_SDO_DATA (bit [7:6] of (0x19h)) to the
desired SAR channel(s).
As mentioned previously in the Section 4.2.32 section, when SAR SDO is passed to the I2S bus, the SAR
SDO's MSB is aligned with the MSB of I2S_SDO.
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
43
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com