Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 38 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 34Page - Texas Instruments LM4935RLEVAL Datasheet HTML 35Page - Texas Instruments LM4935RLEVAL Datasheet HTML 36Page - Texas Instruments LM4935RLEVAL Datasheet HTML 37Page - Texas Instruments LM4935RLEVAL Datasheet HTML 38Page - Texas Instruments LM4935RLEVAL Datasheet HTML 39Page - Texas Instruments LM4935RLEVAL Datasheet HTML 40Page - Texas Instruments LM4935RLEVAL Datasheet HTML 41Page - Texas Instruments LM4935RLEVAL Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
g
m
s
Stereo +
Cellular
s
g
m
Cellular
s
g
s
Stereo
s
m = mic
s = speaker
g = virtual ground
1 PF
EXT_MIC
HP_L
HP_R
HP_VMID_FB
HP_VMID
MIC_DET
EXT_MIC_BIAS
2.2 k:
3.3/2.8/2.5V
1.2/1.5V
Connection for OCL Mode (DC-Coupled) Headset Detection
g
m
s
Stereo +
Cellular
s
g
m
Cellular
s
g
s
Stereo
s
m = mic
s = speaker
g = ground (A_VSS)
1 k:
47 PF
1 PF
EXT_MIC
HP_L
HP_R
HP_VMID_FB
HP_VMID
1 k:
MIC_DET
EXT_MIC_BIAS
2.2 k:
2.0/2.5V
A_VDD/2
Connection for Non-OCL Mode (AC-Coupled) Headset Detection
47 PF
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
Figure 4-13. Connection of Headset Jack to LM4935 Depends on the Mode of the Headphone Amplifier.
4.2.30 STATUS REGISTER
This register is used to report the status of the device.
Table 4-30. STATUS (0x18h)
Bits
Field
Description
0
HEADSET
This field is high when headset presence is detected (only valid if the detection system is enabled). (Note 29)
1
STEREO_
This field is high when a headset with stereo speakers is detected (only valid if the detection system is
HEADSET
enabled). (Note 29)
2
MIC
This field is high when a headset with a microphone is detected (only valid if the detection system is enabled).
(Note 29)
3
BTN
This field is high when the button on the headset is pressed (only valid if the detection system is enabled).
IRQ is cleared when the button has been released and this register has been written to.
4
SAR TRIG 1
If this field is high then an event has happened on SAR trigger 1 (write to this register to clear IRQ).
5
SAR TRIG 2
If this field is high then an event has happened on SAR trigger 2 (write to this register to clear IRQ).
6
TEMP
If this field is high then a temperature event has occurred (write to this register to clear IRQ). This field will
stay high even when the IRQ is cleared so long as the event occurs. This bit is only valid whenever the
loudspeaker amplifier is turned off.
7
GPIN
When GPIO_SEL is set to a readable configuration a digital input on GPIO1 can be read back here.
38
Application Information
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com