Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 45 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 41Page - Texas Instruments LM4935RLEVAL Datasheet HTML 42Page - Texas Instruments LM4935RLEVAL Datasheet HTML 43Page - Texas Instruments LM4935RLEVAL Datasheet HTML 44Page - Texas Instruments LM4935RLEVAL Datasheet HTML 45Page - Texas Instruments LM4935RLEVAL Datasheet HTML 46Page - Texas Instruments LM4935RLEVAL Datasheet HTML 47Page - Texas Instruments LM4935RLEVAL Datasheet HTML 48Page - Texas Instruments LM4935RLEVAL Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
4.2.41 SAR TRIGGER 2 CONFIGURATION REGISTER
This register is used to setup a voltage trigger on one of the SAR outputs.
Table 4-42. TRIG_2 (0x24h)
Bits
Field
Description
0
TRIG_2_ENB
Enables the 2nd SAR trigger interrupt, if cleared will clear the IRQ.
1
TRIG_2_DIR
Selects the direction the voltage should be moving:
TRIG_2_DIR
Trigger if signal passes:
0
Above Threshold
1
Below Threshold
3:2
TRIG_2_SOURCE
Programs the channel used by the trigger
TRIG_2_SOURCE
Source
002
VSAR_1
012
VSAR_2
102
D_VDD/2 or BB_VDD
112
A_VDD/2
7:4
TRIG_2_LSB
Sets bits 3:0 of the threshold used by the trigger.
4.2.42 SAR TRIGGER 2 MSBs CONFIGURATION REGISTER
This register is used to setup the threshold of a voltage trigger on one of the SAR outputs.
Table 4-43. TRIG_2_MSB (0x25h)
Bits
Field
Description
7:0
TRIG_2_MSB
Sets bits 11:4 of the threshold used by the trigger.
4.2.43 DEBUG REGISTER
This register is used to set test modes within the device.
Table 4-44. DEBUG (0x26h)
Bits
Field
Description
0
RSVD
Reserved
1
RSVD
Reserved
2
RSVD
Reserved
3
SOFT_RESET
This field can be used to reset the chip without a power cycle.
4
RSVD
Reserved
5
RSVD
Reserved
6
RSVD
Reserved
7
GPIO_TEST_MODE
If set and GPIO_SEL = '010', then the GPIOs are configured to interface with the LMV1026 digital
microphone as long as AUDIO_IF_MODE (0x19h) is not set to '11'.
GPIO_SEL
GPIO 1
GPIO 2
0002
RSVD
RSVD
0012
RSVD
RSVD
0102
VADC_CLOCK_OUT
DIG_MIC_IN
0112
RSVD
RSVD
1002
RSVD
RSVD
1012
RSVD
RSVD
1102
RSVD
RSVD
1112
RSVD
RSVD
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
45
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com