Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 23 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 19Page - Texas Instruments LM4935RLEVAL Datasheet HTML 20Page - Texas Instruments LM4935RLEVAL Datasheet HTML 21Page - Texas Instruments LM4935RLEVAL Datasheet HTML 22Page - Texas Instruments LM4935RLEVAL Datasheet HTML 23Page - Texas Instruments LM4935RLEVAL Datasheet HTML 24Page - Texas Instruments LM4935RLEVAL Datasheet HTML 25Page - Texas Instruments LM4935RLEVAL Datasheet HTML 26Page - Texas Instruments LM4935RLEVAL Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
4.2.6
PLL N DIVIDER CONFIGURATION REGISTER
This register is used to control the feedback divider of the PLL.
Table 4-7. PLL_N (0x03h)
Bits
Field
Description
7:0
PLL_N
Programs the PLL feedback divider as follows:
PLL_N
Feedback Divider Value
0 to 10
10
11
11
12
12
13
13
14
14
…
…
249
249
250 to 255
250
The N divider should be set such that the output of the divider is between 0.5 MHz and 5 MHz. (Fin/M)*N
will be the target resting VCO frequency, FVCO. The N divider should be set such that 40 MHz < (Fin/M)*N
< 60 MHz. Fin/M is often referred to as Fcomp (comparison frequency) or Fref (reference frequency), in this
document Fcomp is used.
The integer division of the N divider is derived from PLL_N such that:
For 9 < PLL_N < 251: N = PLL_N
(2)
NOTE
See Section 4.2.9 for further details.
4.2.7
PLL P DIVIDER CONFIGURATION REGISTER
This register is used to control the output divider of the PLL.
Table 4-8. PLL_P (0x04h)
Bits
Field
Description
0
RSVD
RESERVED
3:1
PLL_P
PLL_P
Output Divider Value
0002
1
0012
2
0102
3
0112
4
1002
5
1012
6
1102
7
1112
8
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
23
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com