Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 31 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 27Page - Texas Instruments LM4935RLEVAL Datasheet HTML 28Page - Texas Instruments LM4935RLEVAL Datasheet HTML 29Page - Texas Instruments LM4935RLEVAL Datasheet HTML 30Page - Texas Instruments LM4935RLEVAL Datasheet HTML 31Page - Texas Instruments LM4935RLEVAL Datasheet HTML 32Page - Texas Instruments LM4935RLEVAL Datasheet HTML 33Page - Texas Instruments LM4935RLEVAL Datasheet HTML 34Page - Texas Instruments LM4935RLEVAL Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
Table 4-16. MIC_1 (0x0Bh)
Bits
Field
Description
3:0
PREAMP_GAIN
Programs the gain applied to the microphone preamplifier if the AGC is not in use.
PREAMP_GAIN
Gain
00002
6 dB
00012
8 dB
00102
10 dB
00112
12 dB
01002 to 11002
14 dB to 30 dB
11012
32 dB
11102
34 dB
11112
36 dB
4
MIC_MUTE
If set the microphone preamplifier is muted.
5
INT_SE_DIFF
If set the internal microphone is assumed to be single ended and the negative connection is connected to the
ADC common mode point internally. This allows a single-ended internal microphone to be used.
6
INT_EXT
If set the single ended external microphone is used and the negative microphone input is grounded internally,
otherwise internal microphone operation is assumed. (Note 19)
4.2.17 MIC_2 CONFIGURATION REGISTER
This register is used to control the microphone configuration.
Table 4-17. MIC_2 (0x0Ch)
Bits
Field
Description
0
OCL_
Selects the voltage used as virtual ground (HP_VMID pin) in OCL mode. This will depend on the available
VCM_
supply and the power output requirements of the headphone amplifiers.
VOLTAGE
OCL_VCM_VOLTAGE
Voltage
0
1.2V
1
1.5V
2:1
MIC_
Selects the voltage as a reference to the internal and external microphones. Only one bias pin is driven at
BIAS_
once depending on the INT_EXT bit setting found in the MIC_1 (0x0Bh) register. MIC_BIAS_VOLTAGE
VOLTAGE
should be set to '11' only if A_VDD > 3.4V. In OCL mode, MIC_BIAS_VOLTAGE = '00' (EXT_BIAS = 2.0V)
should not be used to generate the EXT_BIAS supply for a cellular headset external microphone. Please refer
to Table 4-18 for more detail.
MIC_BIAS_VOLTAGE
EXT_BIAS
INT_BIAS
002
2.0V
2.0V
012
2.5V
2.5V
102
2.8V
2.8V
112
3.3V
3.3V
3
BUTTON_TYPE
If set the LM4935 assumes that the button (if used) in the headset is in series (series push button) with the
microphone, opening the circuit when pressed. The default is for the button to be in parallel (parallel push
button), shorting out the microphone when pressed.
5:4
BUTTON_
Sets the time used for debouncing the pushing of the button on a headset with a parallel push button.
DEBOUNCE_
BUTTON_DEBOUNCE_TIME
Time (ms)
TIME
002
0
012
8
102
16
112
32
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
31
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com