Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 36 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 32Page - Texas Instruments LM4935RLEVAL Datasheet HTML 33Page - Texas Instruments LM4935RLEVAL Datasheet HTML 34Page - Texas Instruments LM4935RLEVAL Datasheet HTML 35Page - Texas Instruments LM4935RLEVAL Datasheet HTML 36Page - Texas Instruments LM4935RLEVAL Datasheet HTML 37Page - Texas Instruments LM4935RLEVAL Datasheet HTML 38Page - Texas Instruments LM4935RLEVAL Datasheet HTML 39Page - Texas Instruments LM4935RLEVAL Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
Table 4-29. DETECT (0x17h) (continued)
Bits
Field
Description
6:3
HS_
Sets the time used for debouncing the analog signals from the detection inputs used to sense the
DBNC_TIME
insertion/removal of a headset.
HS_DBNC_TIME
Time (ms)
00002
0
00012
8
00102
16
00112
32
01002
48
01012
64
01102
96
01112
128
10002
192
10012
256
10102
384
10112
512
11002
768
11012
1024
11102
1536
11112
2048
4.2.29 HEADSET DETECT OVERVIEW
The LM4935 has built in monitors to automatically detect headset insertion or removal. The detection
scheme can differentiate between mono, stereo, mono-cellular and stereo-cellular headsets. Upon
detection
of
headset
insertion
or
removal,
the
LM4935
updates
read-only
bit
0
-
headset
absence/presence, bit 1- mono/stereo headset and bit 2 - headset without mic / with mic, of the STATUS
register (0x18h). Headset insertion/removal and headset type can also be detected in standby mode; this
consumes no analog supply current when the headset is absent.
The LM4935 can be programmed to raise an interrupt (set the IRQ pin high) when headset insert/removal
is sensed by setting bit 0 of DETECT (0x17h). When headset detection is enabled in active mode and a
headset is not detected, the HPL_OUT and HPR_OUT amplifiers will be disabled (switched off for capless
mode and muted for AC-coupled mode) and the EXT_BIAS pin will be disconnected from the MIC_BIAS
amplifier, irrespective of control register settings.
The LM4935 also has the capability to detect button press, when a button is present on the headset
microphone. Both parallel button-type (in parallel with the headset microphone, default value) and series
button-type (in series with the headset microphone) can be detected; the button type used needs to be
defined in bit 3 of MIC_2 (0x0Ch). Button press can also be detected in stand-by mode; this consumes 10
µA of analog supply current for a series type push button and 100 µA for a parallel type push button. Upon
button press, the LM4935 updates bit 3 of STATUS (0x18h). In active OCL mode, with internal
microphone selected (INT_EXT = 0; (reg 0x0Bh)), if a parallel pushbutton headset is inserted into the
system, INT_EXT must be set high before BTN (bit 3 of STATUS (0x18h)) can be read. The LM4935 can
also be programmed to raise an interrupt on the IRQ pin when button press is sensed by setting bit 1 of
DETECT.
The
LM4935
provides
debounce
programmability
for
headset
and
button
detect.
Debounce
programmability can be used to reject glitches generated, and hence avoid false detection, while
inserting/removing a headset or pressing a button.
Headset insert/removal debounce time is defined by HS_DBNC_TIME; bits 6:3 of DETECT (0x17h).
Parallel button press debounce time is defined by BTN_DBNC_TIME; bits 5:4 of MIC_2 (0x0Ch).
36
Application Information
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com