Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 29 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 25Page - Texas Instruments LM4935RLEVAL Datasheet HTML 26Page - Texas Instruments LM4935RLEVAL Datasheet HTML 27Page - Texas Instruments LM4935RLEVAL Datasheet HTML 28Page - Texas Instruments LM4935RLEVAL Datasheet HTML 29Page - Texas Instruments LM4935RLEVAL Datasheet HTML 30Page - Texas Instruments LM4935RLEVAL Datasheet HTML 31Page - Texas Instruments LM4935RLEVAL Datasheet HTML 32Page - Texas Instruments LM4935RLEVAL Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
Table 4-14. AGC_2 (0x09h) (continued)
Bits
Field
Description
7
AGC_TIGHT
If set the AGC algorithm controls the microphone preamplifier more exactly. (Note 17)
AGC_TIGHT = 0
AGC_TARGET
Min Level
Max Level
0002
−6 dB
−3 dB
0012
−8 dB
−4 dB
0102
−10 dB
−5 dB
0112
−12 dB
−6 dB
1002
−14 dB
−7 dB
1012
−16 dB
−8 dB
1102
−18 dB
−9 dB
1112
−20 dB
−10 dB
AGC_TIGHT = 1
0002
−6 dB
−3 dB
0012
−8 dB
−5 dB
0102
−10 dB
−7 dB
0112
−12 dB
−9 dB
1002
−14 dB
−11 dB
1012
−16 dB
−13 dB
1102
−18 dB
−15 dB
1112
−20 dB
−17 dB
4.2.14 AGC_3 CONFIGURATION REGISTER
This register is used to control the LM4935's Automatic Gain Control. (Note 18)
Table 4-15. AGC_3 (0x0Ah)
Bits
Field
Description
4:0
AGC_HOLDTIME
Programs the amount of delay before the AGC algorithm begins to adjust the gain of the microphone
preamplifier.
AGC_HOLDTIME
No. of speech segments
000002
0
000012
1
000102
2
000112
3
001002 to 111002
4 to 28
111012
29
111102
30
111112
31
7:5
AGC_ATTACK
Programs the speed at which the AGC will reduce gains if it detects the input level is too large.
AGC_ATTACK
Step Time (ms)
0002
32
0012
64
0102
128
0112
256
1002
512
1012
1024
1102
2048
1112
4096
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
29
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com