Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 34 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 30Page - Texas Instruments LM4935RLEVAL Datasheet HTML 31Page - Texas Instruments LM4935RLEVAL Datasheet HTML 32Page - Texas Instruments LM4935RLEVAL Datasheet HTML 33Page - Texas Instruments LM4935RLEVAL Datasheet HTML 34Page - Texas Instruments LM4935RLEVAL Datasheet HTML 35Page - Texas Instruments LM4935RLEVAL Datasheet HTML 36Page - Texas Instruments LM4935RLEVAL Datasheet HTML 37Page - Texas Instruments LM4935RLEVAL Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
4.2.22 DAC CONFIGURATION REGISTER
This register is used to control the DAC levels to the mixer.
Table 4-23. DAC (0x11h)
Bits
Field
Description
4:0
DAC_LEVEL
Programs the gain/attenuation applied to the DAC input to the mixer. (Note 23)
DAC_LEVEL
Level (With Boost)
Level (Without Boost)
000002
−34.5 dB
−46.5 dB
000012
−33 dB
−45 dB
000102
−31.5 dB
−43.5 dB
000112
−30 dB
−42 dB
00100 to 111002
−28.5 dB to +7.5 dB
−40.5 dB to −4.5 dB
111012
+9 dB
−3 dB
111102
+10.5 dB
−1.5 dB
111112
+12 dB
0 dB
5
USE_AUX_
If set the gain of the DAC inputs is controlled by the AUX_LEFT and AUX_RIGHT registers, allowing a stereo
LEVELS
balance to be applied.
6
BOOST
If set the gain of the DAC inputs to the mixer is increased by 12 dB (see above).
7
DAC_MUTE
If set the stereo DAC input is muted on the next zero crossing.
4.2.23 CP_OUTPUT CONFIGURATION REGISTER
This register is used to control the differential cell phone output. (Note 24)
Table 4-24. CP_OUTPUT (0x12h)
Bits
Field
Description
0
MIC_SELECT
If set the microphone channel of the mixer is added to the cellphone output signal.
1
RIGHT_SELECT
If set the right channel of the mixer is added to the cellphone output signal.
2
LEFT_SELECT
If set the left channel of the mixer is added to the cellphone output signal.
3
CPO_MUTE
If set the CPOUT output is muted.
4
MIC_NOISE_GAT
If this is set and NOISE_GATE_ON (register 0x08h) is enabled, the MIC to CPO path will be gated if the
E
signal is determined to be noise by the AGC (that is, if the signal is below the set noise threshold).
4.2.24 AUX_OUTPUT CONFIGURATION REGISTER
This register is used to control the differential auxiliary output. (Note 25)
Table 4-25. AUX_OUTPUT (0x13h)
Bits
Field
Description
0
CPI_SELECT
If set the cell phone input channel of the mixer is added to the aux output signal.
1
RIGHT_SELECT
If set the right channel of the mixer is added to the aux output signal.
2
LEFT_SELECT
If set the left channel of the mixer is added to the aux output signal.
3
AUX_MUTE
If set the aux output is muted.
34
Application Information
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com