Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RLEVAL Datasheet(PDF) 30 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 26Page - Texas Instruments LM4935RLEVAL Datasheet HTML 27Page - Texas Instruments LM4935RLEVAL Datasheet HTML 28Page - Texas Instruments LM4935RLEVAL Datasheet HTML 29Page - Texas Instruments LM4935RLEVAL Datasheet HTML 30Page - Texas Instruments LM4935RLEVAL Datasheet HTML 31Page - Texas Instruments LM4935RLEVAL Datasheet HTML 32Page - Texas Instruments LM4935RLEVAL Datasheet HTML 33Page - Texas Instruments LM4935RLEVAL Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
(1)
(1) Decay hold time, (2) Slow Decay, (3) Quick Attack
(2)
(3)
12 dB
10 dB
14 dB
12 dB
signal below target
attack
decay
microphone gain
target level
signal above target
peak detection
and ADC output
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
4.2.15 AGC OVERVIEW
The Automatic Gain Control (AGC) system can be used to optimize the dynamic range of the ADC for
voice data when the level of the source is unknown. A target level for the output is set so that any
transients on the input won’t clip during normal operation. The AGC circuit then compares the output of
the ADC to this level and increases or decreases the gain of the microphone preamplifier to compensate.
If the audio from the microphone is to be output digitally through the ADC then the full dynamic range of
the ADC can be used automatically. If the output is through the analog mixer then the ADC is used to
monitor the microphone level. In this case, the analog dynamic range is less important than the absolute
level, so AGC_TIGHT should be set to tie transients closely to the target level.
To ensure that the system doesn’t reduce the quality of the speech by constantly modulating the
microphone preamplifier gain, the ADC output is passed through an envelope detector. This frames the
output
of
the
ADC
into
time
segments
roughly
equal
to
the
phonemes
found
in
speech
(AGC_FRAME_TIME). To calculate this, the circuit must also know the sample rate of the data from the
ADC (ADC_SAMPLERATE). If after a programmable number of these segments (AGC_HOLDTIME), the
level is consistently below target, the gain will be increased at a programmable rate (AGC_DECAY). If the
signal ever exceeds the target level (AGC_TARGET) then the gain of the microphone is reduced
immediately at a programmable rate (AGC_ATTACK). This is demonstrated below:
Figure 4-11. AGC Operation Example
The signal in the above example starts with a small analog input which, after the hold time has timed out,
triggers a rise in the gain ((1)
→ (2)). After some time the real analog input increases and it reaches the
threshold for a gain reduction which decreases the gain at a faster rate ((2)
→ (3)) to allow the elimination
of typical popping noises.
Only ADC outputs that are considered signal (rather than noise) are used to adjust the microphone
preamplifier
gain.
The
signal
to
noise
ratio
of
the
expected
input
signal
is
set
by
NOISE_GATE_THRESHOLD. In some situations it is preferable to remove audio considered to be
consisting solely of background noise from the audio output; for example conference calls. This can be
done by setting NOISE_GATE_ON. This does not affect the performance of the AGC algorithm.
The AGC algorithm should not be used where very large background noise is present. If the type of input
data, application and microphone is known then the AGC will typically not be required for good
performance, it is intended for use with inputs with a large dynamic range or unknown nominal level.
When setting NOISE_GATE_THRESHOLD be aware that in some mobile phone scenarios the ADC SNR
will be dictated by the microphone performance rather than the ADC or the signal. Gain changes to the
microphone are performed on zero crossings. To eliminate DC offsets, wind noise, and pop sounds from
the output of the ADC, the ADC's HPF should always be enabled.
4.2.16 MIC_1 CONFIGURATION REGISTER
This register is used to control the microphone configuration.
30
Application Information
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com