Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81032 Datasheet(PDF) 85 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 85 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 81Page - Hynix Semiconductor GMS81032 Datasheet HTML 82Page - Hynix Semiconductor GMS81032 Datasheet HTML 83Page - Hynix Semiconductor GMS81032 Datasheet HTML 84Page - Hynix Semiconductor GMS81032 Datasheet HTML 85Page - Hynix Semiconductor GMS81032 Datasheet HTML 86Page - Hynix Semiconductor GMS81032 Datasheet HTML 87Page - Hynix Semiconductor GMS81032 Datasheet HTML 88Page - Hynix Semiconductor GMS81032 Datasheet HTML 89Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
7 - 1
CHAPTER 7. RESET FUNCTION
7.1 EXTERNAL RESET
The RESET pin should be held at low for at least 2machine cycles with the power supply
voltage within the operating voltage range and must be connected 0.1uF capacitor
for stable system initialization.
The RESET pin contains a Schmitt trigger with an internal pull-up resistor.
0.1uF capacitor
Fig 7.0 RESET Pin connection.
7.2 POWER ON RESET
Power On Reset circuit automatically detects the rise of power voltage (the rising time
should be within 50ms) the power voltage reaches a certain level, RESET terminal is
maintained at ¡ÈL¡È Level until a crystal ceramic oscillator oscillates stably. After power
applies and starting of oscillation, this reset state is maintained for about oscillation cycle of
219 (about 65.5ms : at 4MHz).
The execution of built-in Power On Reset circuit is as follows :
(1) Latch the pulse from Power On Detection Pulse Generator circuit, and reset
Prescaler, B.I.T and B.I.T Overflow detection circuit.
(2) Once B.I.T Overflow detection circuit is reset. Then, Prescaler starts to count.
(3) Prescaler output is inputted into B.I.T and PS10 of Prescaler output is automatically
selected. If overflow of B.I.T is detected, Overflow detection circuit is set.
(4) Reset circuit generates maximum period of reset pulse from Prescaler and B.I.T.
Chapter7. Reset Function
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com