Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81032 Datasheet(PDF) 97 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 97 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 93Page - Hynix Semiconductor GMS81032 Datasheet HTML 94Page - Hynix Semiconductor GMS81032 Datasheet HTML 95Page - Hynix Semiconductor GMS81032 Datasheet HTML 96Page - Hynix Semiconductor GMS81032 Datasheet HTML 97Page - Hynix Semiconductor GMS81032 Datasheet HTML 98Page - Hynix Semiconductor GMS81032 Datasheet HTML 99Page - Hynix Semiconductor GMS81032 Datasheet HTML 100Page - Hynix Semiconductor GMS81032 Datasheet HTML 101Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
B - 1
Appendix B. PROGRAMMER`S GUIDE
APPENDIX B.
General Circuit Diagram of GMS810series.
KEY MATRIX
= KEY
17
9
1
18
10
2
19
11
3
20
12
4
21
13
5
22
14
6
23
15
7
24
16
8
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
R00
R01
R02
R03
R04
R05
R06
R07
49
50
51
52
53
54
55
56
OSC
R13
R14
R12
R15
R11
R16
R10
R17
VDD
REMOUT
Xout
RESET
Xin
TEST
R00
R07
R01
R06
R02
R05
R03
R04
R20
VSS
TR1
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
VCC
GND
14
13
11
12
0.1uF
DC3V
VCC
VCC
B-1 Circuit Diagram
vcc
Infrared LED
4MHz
Normally use the above 100uF
capacitor for prevent power drop
during pulse is transmitted.
If you use the SRAM back-up,
use at least 220uF
We recommend to
use ALKALINE battery.
Filter for Vcc-GND
noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com