Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81032 Datasheet(PDF) 98 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 98 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 93Page - Hynix Semiconductor GMS81032 Datasheet HTML 94Page - Hynix Semiconductor GMS81032 Datasheet HTML 95Page - Hynix Semiconductor GMS81032 Datasheet HTML 96Page - Hynix Semiconductor GMS81032 Datasheet HTML 97Page - Hynix Semiconductor GMS81032 Datasheet HTML 98Page - Hynix Semiconductor GMS81032 Datasheet HTML 99Page - Hynix Semiconductor GMS81032 Datasheet HTML 100Page - Hynix Semiconductor GMS81032 Datasheet HTML 101Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 98 / 101 page
background image
B - 2
GMS810 MASK OPTION LIST
HYUNDAI ELCTRONICS Co., Ltd.
MCU Application Team.
Code Name : GMS81016 - UAxxx
1. Device & Package
Please enter check marks as
2. Inclusion of Pull up Resistor
- R1 PORT
Y : Yes
N : No
- R2 PORT
Date
:
Company Name
:
Section Name
:
Signature
:
24PIN : SOP
Skinny DIP
28PIN : SOP
Skinny DIP
Y : Yes
N : No
- R0 PORT
Y : Yes
N : No
20PIN : SOP
PDIP
< NOTICE >
. *0 : is only available in Low Voltage detection Option = Y (No . 3)
*1 : is not available for 20PIN & 24PIN. So, Default option is Pull-Up.
. *2 : is not available for 20PIN. So, Default Option is Pull-Up.
GMS81008
GMS81016
GMS81004
GMS81032
GMS81024
44PIN : PLCC
3. Low Voltage Detection
Y/N
n
Port
R00
Y/N
y
Y/N
*0
R01
y
R02
y
R03
y
R04
y
R05
y
R06
y
R07
y
Port
R10
Y/N
n
Y/N
*0
R11
n
R12*2
n
R13*2
n
R14*2
n
R15*2
n
R16
n
R17
n
Port
R20
Y/N
n
Y/N
*0
R21*1 R22*1 R23*1 R24*1
Mask Option List Example Refer to Circuit B-1
B-1 ,Circuit Description:
device
: GMS81016
package : 24PIN SOP
port R0x : All input port with pull-up resistor
port R1x : All output port with N-MOS
Open drain
port R20 : LED Drive port
; Example program for Port setting.
ORG 0C000H
; GMS81016 Program Start Address
Reset :
clrg
; Clear G-Flag
ldx
#0feh
; Stack Pointer Initialize
txsp
DI
; Interrupt disable
ldm
R2dd,#0001_1111b
; R2 direction setting,R20: Output
ldm
R2,#1111_1111b
; R2 data setting , R20 : High,Led off
ldm
R1odc,#1111_1111b
; R1 port all open drain
ldm
R1dd,#1111_1111b
; R1 direction setting ,All output
ldm
R1,#0000_0000b
; R1 data setting , all Low for key scan
ldm
R0dd,#0000_0000b
; R0 direction setting ,All input
ldm
smrr0,#1111_1111b
; Stop mode release by R0
ldm
smrr1,#0000_0000b
; Stop disable by R1
ldm
Ienh,#1000_0000b
; Key scan interrupt setting
ldm
ckctlr,#0001_1101b
; Ckctlr setting for 16mS time delay after
; release from stop mode, WDT disable.
clr1
IRQKSCN
; key scan interrupt request flag clear
STOP
NOP
; `NOP instruction must to be used after
ldm
R1,#1111_1111b
; Stop instruction
S/W example Refer to Circuit B-1
Appendix B. PROGRAMMER`S GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com