Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81032 Datasheet(PDF) 61 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 61 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 57Page - Hynix Semiconductor GMS81032 Datasheet HTML 58Page - Hynix Semiconductor GMS81032 Datasheet HTML 59Page - Hynix Semiconductor GMS81032 Datasheet HTML 60Page - Hynix Semiconductor GMS81032 Datasheet HTML 61Page - Hynix Semiconductor GMS81032 Datasheet HTML 62Page - Hynix Semiconductor GMS81032 Datasheet HTML 63Page - Hynix Semiconductor GMS81032 Datasheet HTML 64Page - Hynix Semiconductor GMS81032 Datasheet HTML 65Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
4 - 23
During counting-up, value of counter can be read. Timer execution is stopped by the
reset signal (RESET = ¡ÈL¡È)
(Note) in the process of reading 16-bit Timer Data, first read the upper 8-bit data. Then
read the lower 8-bit data, and read the upper 8-bit data again. If the earlier read upper
8-bit data are matched with the later read upper 8-bit data, read 16-bit data are correct.
If not, caution should be taken in the selection of upper 8-bit data.
Example)
1) Upper
8-bit
Read
0A
0A
2) Lower
8-bit
Read
FF
01
3) Upper
8-bit
Read
0B
0B
¡é ¡é
4.2.3.1 Single/Modulo-N Mode
Timer0 (Timer1) can select initial (T0INIT, T1INIT of TM0, TM1) output level of Timer
Output port. If initial level is ¡ÈL¡È, Low-Data Register value of Timer Data Register is
transferred to comparator and T0OUT(T1OUT) is to be ¡ÈLow¡È, if initial level is
¡ÈHigh¡È, High -Data Register is transferred and to be ¡ÈHigh¡È. Single Mode can be
set by Mode Select bit(T0MOD, T1MOD) of Timer Mode Register (TM0, TM1) to ¡È1¡È
When used as Single Mode, Timer counts up and compares with value of Data Register.
If the result is same, Time Out interrupt occurs and level of Timer Output port toggle,
then counter stops as reset state. When used as Modulo-N Mode, T0MOD(T1MOD)
should be set ¡È0¡È. Counter counts up until the value of Data Register and occurs
Time-out interrupt. The level of Timer Output port toggle and repeats process of
counting the value which is selected in Data Register. During Modulo-N Mode, If
interrupt select bit(T0IFS, T1IFS) of Mode Register is ¡È0¡È, Interrupt occurs on every
Time-out. If it is ¡È1¡È, Interrupt occurs every second time-out.
(*note. Timer Output is toggled whenever time out happen)
0AFF 0B01
Chapter 4. Peripheral Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com