Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81032 Datasheet(PDF) 59 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 59 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 55Page - Hynix Semiconductor GMS81032 Datasheet HTML 56Page - Hynix Semiconductor GMS81032 Datasheet HTML 57Page - Hynix Semiconductor GMS81032 Datasheet HTML 58Page - Hynix Semiconductor GMS81032 Datasheet HTML 59Page - Hynix Semiconductor GMS81032 Datasheet HTML 60Page - Hynix Semiconductor GMS81032 Datasheet HTML 61Page - Hynix Semiconductor GMS81032 Datasheet HTML 62Page - Hynix Semiconductor GMS81032 Datasheet HTML 63Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
4 - 21
4.2.3 Timer0, Timer1
TIMER0 and TIMER1 have an up-counter. When value of the up-counter
reaches the content of Timer Data Register(TDR), the up-counter is cleared to
¡È00H¡È, and interrupt(IFT0, IFT1) is occured at the next clock
Fig. 4. 10 Operatiion of Timer0
Concurrence
Concurrence
Concurrence
CLEAR
CLEAR
CLEAR
0
T0 Data
Registers
Value
T0 Value
INTERRUPT
INTERRUPT
INTERRUPT
Interval period
IFT0
For Timer0, the internal clock(PS) and the external clock(EC) can be selected as
counter clock. But Timer1 and Timer2 use only internal clock. As internal clock.
Timer0 can be used as internal-timer which period is determined by Timer Data
Register(TDR). Chosen as external clock, Timer0 executes as event-counter.
The counter execution of Timer0 and Timer1 is controlled by T0CN, T0ST,
CAP0, T1CN, T1ST, of Timer Mode Register TM0 and TM1. T0CN, T1CN are
used to stop and start Timer0 and Timer1 without clearing the counter. T0ST,
T1ST is used to clear the counter. For clearing and starting the counter, T0ST
or T1ST should be temporarily set to ¡È0¡È and then set to ¡È1¡È. T0CN,
T1CN, T0ST and T1ST should be set ¡È1¡È, when Timer counting-up.
Controlling of CAP0 enables Timer0 as input capture. By programming of CAP0
to ¡È1¡È, the period of signal from INT2 can be measured and then, event
counter value for INT2 can be read.
Chapter 4. Peripheral Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com