Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 82 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 82 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 78Page - Intel Corporation 82375EB Datasheet HTML 79Page - Intel Corporation 82375EB Datasheet HTML 80Page - Intel Corporation 82375EB Datasheet HTML 81Page - Intel Corporation 82375EB Datasheet HTML 82Page - Intel Corporation 82375EB Datasheet HTML 83Page - Intel Corporation 82375EB Datasheet HTML 84Page - Intel Corporation 82375EB Datasheet HTML 85Page - Intel Corporation 82375EB Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 131 page
background image
82375EBSB
 If the PCEB is disconnected as an initiator on the PCI Bus it will respond very much as if it had been retried
The difference between retry and disconnect is that the PCEB did not see any data phase for the retry
Disconnect may be generated by a PCI slave when the PCEB is running a burst memory cycle to empty or
to fill one line (16-byte) of the Line Buffers In this case the PCEB may need to finish a multi-data phase
transfer and recycles through arbitration as required for a retry An example is when an EISA agent (EISA
ISA master or DMA) issues a read request that the PCEB translates into a 16 byte prefetch (one line) and
the PCEB is disconnected before the Line Buffer is completely filled
5111 PCI DATA TRANSFERS WITH SPECIFIC BYTE ENABLE COMBINATIONS
Non-Contiguous Combination of Byte Enables
As a master the PCEB might generate non-contiguous combinations of data byte enables because of the
nature of assembly operations in the Line Buffers
As a target the PCEB might need to respond to a non-contiguous combination of data byte enables These
cycles can not be passed directly to the EISA Bus the EISA Bus specification does not allow non-contiguous
combinations of byte enables If this situation occurs the PCEB splits the 32-bit transactions into two 16-bit
transactions by first performing the lower word transfer (indicated by BE1
and BE0 ) and then the upper
word transfer (indicated by BE3
and BE2 )
BE 30
e
1111
As a master the PCEB might generate this combination of data byte enables during Line Buffer flush opera-
tions (burst write) to optimize the usage of the PCI Bus Correct parity is driven during this transaction on the
PCI Bus
As a target the PCEB might need to respond to this combination of data byte enables If BE 30
e
1111 the
PCEB completes the transfer by asserting TRDY
and providing parity for read cycles The PCEB does not
forward the cycle to the EISA Bus
52 PCI Bus Latency
The PCI specification provides two mechanisms that limit a master’s time on the bus They ensure predictable
bus acquisitions when other masters are requesting bus access These mechanisms are master-initiated
termination supported by a Master Latency Timer (MLT) and a target-initiated termination (specifically discon-
nect) supported by a target’s incremental latency mechanism
521 MASTER LATENCY TIMER (MLT)
The PCEB has a programmable Master Latency Timer (MLT) The MLT is cleared and suspended when the
PCEB is not asserting FRAME
The MLT is controlled via the MLT Register (see Section 41 PCEB Configu-
ration Registers) When the PCEB as a master asserts FRAME
it enables its MLT to count If the PCEB
completes its transaction (negates FRAME ) before the count expires the MLT is ignored If the count
expires before the transaction completes (count e number clocks programmed into the MLT Register ) the
PCEB initiates a transaction termination as soon as its GNT
is removed The number of clocks programmed
into the MLT Register represents the guaranteed time slice (measured in PCICLKs) allotted to the PCEB after
which it surrenders the bus as soon as its GNT
is removed (Actual termination does not occur until the
target is ready) Each master on PCI contains a master latency timer The relative values programmed in each
master timer determines how much of the PCI bandwidth is available to that master Generally if the EISA bus
is heavily loaded with masters the PCEB MLT register would be programmed with a relatively large value to
give the PCEB a larger share of the PCI bus bandwidth
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com