Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 48 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 48 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 44Page - Intel Corporation 82375EB Datasheet HTML 45Page - Intel Corporation 82375EB Datasheet HTML 46Page - Intel Corporation 82375EB Datasheet HTML 47Page - Intel Corporation 82375EB Datasheet HTML 48Page - Intel Corporation 82375EB Datasheet HTML 49Page - Intel Corporation 82375EB Datasheet HTML 50Page - Intel Corporation 82375EB Datasheet HTML 51Page - Intel Corporation 82375EB Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 131 page
background image
82375EBSB
After data is written into BIOS Timer Register (BE1
andor BE0
must be asserted) the BIOS timer starts
decrementing until it reaches zero It ‘‘freezes’’ at zero until the new count value is written
Bit
Description
3116
Reserved
150
BIOS Timer Count Value
The initial count value is written to bits 150 to start the timer The value
read is the current value of the BIOS Timer
40 ADDRESS DECODING
Conceptually the PCEB contains two programmable address decoders one to decode PCI Bus cycles that
need to be forwarded to the EISA Bus or serviced internally and the other to decode EISA Bus cycles that
need to be forwarded to the PCI Bus Two decoders permit the PCI and EISA Buses to operate concurrently
(Figure 2) The PCEB can be programmed to respond to certain PCI memory or IO region accesses as well as
configuration space accesses to the PCEB’s internal configuration registers PCEB address decoding is dis-
cussed in Section 41
The EISA address decoder decodes EISA Bus cycles generated by the bus master (DMA controller ISA
compatible master or EISA compatible master) that need to be forwarded to the PCI Bus The EISA decode
logic can be programmed to respond to certain memory or IO region accesses
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com