Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 96 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 96 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 92Page - Intel Corporation 82375EB Datasheet HTML 93Page - Intel Corporation 82375EB Datasheet HTML 94Page - Intel Corporation 82375EB Datasheet HTML 95Page - Intel Corporation 82375EB Datasheet HTML 96Page - Intel Corporation 82375EB Datasheet HTML 97Page - Intel Corporation 82375EB Datasheet HTML 98Page - Intel Corporation 82375EB Datasheet HTML 99Page - Intel Corporation 82375EB Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 131 page
background image
82375EBSB
547 PCI ARBITRATION AND PCEBESC EISA OWNERSHIP EXCHANGE
There are two aspects of PCEBESC EISA Bus ownership exchange that are explained in this section They
are related to GAT mode and RESUMERETRY operations
The PCEB is the default owner of the EISA Bus When control of the EISA Bus is given to the ESC all PCI
operations targeted to the EISA subsystem (including the PCEB) are retried Retry causes assertion of the
PEREQ
INTA
signal with PEREQ
semantics In this way the PCEB indicates to the ESC that it needs to
obtain ownership of the EISA Bus
5471 GAT Mode And PEREQ
Signaling
In GAT mode the PCEB owns the PCI Bus on behalf of the EISA master and other PCI agents (eg the Host
PCI Bridge) can not generate PCI cycles Therefore the PCEB never generates a back-off (ie retry) as long
as the EISA Bus is controlled by the ESC This might cause starvation of the PCI agents (including the Host
PCI Bridge ie CPU) even in the case of a moderately loaded EISA subsystem The solution is that PEREQ
in the GAT mode is generated when any of the PCI Bus request signals are asserted For particular HostPCI
Bridge designs (eg PCMC) this will be not be an adequate solution since their PCI request can be activated
only based on the CPU generated cycle directed to PCI This will not be possible since the Host Bus (CPU bus)
in the GAT mode is controlled by the HostPCI Bridge and not by the CPU The solution to this type of design
is to generate PEREQ
immediately after entering the GAT mode This feature is controlled via ARBCON
Register (bit 7)
5472 PCI Retry And EISA Latency Timer (ELT) Mechanism
When a PCI cycle is retried by the PCEB (in non-GAT mode) because the EISA Bus is controlled by the ESC
(EISAHLDA asserted) an internal flag is set for the corresponding PCI master This flag masks the request of
a particular master until the PCEB acquires the ownership of EISA and the RESUME condition clears the flag
If the PCI master which is now unmasked does not acquire the ownership of the PCI Bus within the time
period before ESC asserts EISAHOLD again the EISA Bus can be surrendered to the ESC Unmasked
masters will eventually gain the access to the PCI Bus but the EISA Bus will not be available and the master
will be retried again This scenario can be repeated multiple times with one or more PCI masters and starvation
will occur
To solve this situation the PCEB arbitration logic incorporates an EISA Latency Timer mechanism This
mechanism is based on the programmable timer that is started each time that the ESC requires the bus
(EISAHOLD asserted) and there is a PCI agent that has been previously retried because of activity on the
EISA Bus As soon as the ELT timer expires any PCI cycle which is currently in progress is retried and the
EISA Bus is given back to the ESC after the current PCI-to-EISA transaction completes If all the PCI request-
ers masked because of EISAHLDA are serviced before the ELT timer expires the EISA Bus is immediately
surrendered to the ESC The ELT provides a minimum time slice for PCI masters to access the EISA bus even
if EISA masters ISA masters or DMA devices are attempting to acquire the EISA bus
Generally the ELT is set to a larger value if latency sensitive PCI masters which typically access EISA are
present in the system Larger ELT values however do increase the worst case latency for EISA devices which
typically access devices on PCI (eg main memory)
The EISA Latency Timer (ELT) is controlled by the ELTCR Register The value written into ELTCR is system
dependent It is typically between 1 and 3 ms
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com