| Electronic Components Datasheet Search |
|
82375EB Datasheet(PDF) 22 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82375EB Datasheet(HTML) 22 Page - Intel Corporation |
|
22 / 131 page ![]() 82375EBSB Pin Name Type Description SLBURST ts SLAVE BURST SLBURST is an input when the PCEB is an EISA master and an output when the PCEB is a slave When the PCEB is a master the slave indicates that it supports burst cycles by asserting SLBURST to the PCEB The PCEB samples SLBURST on the rising edge of BCLK at the end of START for EISA master cycles When the PCEB is an EISA slave this signal is an output As a slave the PCEB asserts this signal to the master indicating that the PCEB supports EISA burst cycles During reset this signal is tri-stated LOCK ts LOCK When asserted LOCK guarantees exclusive memory access This signal is asserted by the PCEB when the PCI master is running locked cycles to EISA slaves When asserted this signal locks the EISA subsystem LOCK can also be activated by a device on the EISA Bus This condition is propagated to the PCI Bus via the PLOCK signal During reset this signal is tri- stated BE 30 ts BYTE ENABLES BE 30 identify the specific bytes that are valid during the current EISA Bus cycles When the PCEB is an EISA master and the cycles are directed to a matched slave (slave supports 32-bit transfers) the BE 30 are outputs from the PCEB When the cycles are directed to a mis-matched slave (slave does not support 32-bit transfers - see note) the BE 30 are floated one and half BCLKs after START is asserted These signals become inputs (driven by the ESC) for the rest of the cycle BE 30 are pipelined signals and must be latched by the addressed slave When the PCEB is an EISAISADMA slave BE 30 are inputs to the PCEB Upon PCIRST these signals are tri-stated and placed in output mode LA 3124 ts LATCHABLE ADDRESS LA 3124 and LA 232 are the EISA address signals When the PCEB is an EISA master these signals are outputs from the PCEB These LA 232 addresses are pipelined and must be latched by the EISA slave LA 3124 and LA 232 are valid on the falling edge of START Note that the upper address bits are inverted before being driven on LA 3124 The timing for LA 3124 and LA 232 are the same When the PCEB is an EISA slave these signals are inputs and are latched by the PCEB For IO cycles the PCEB as an EISA master floats LA 3124 to allow for ESC’s address multiplexing (during IO cycle to configuration RAM) LA 232 are actively driven by the PCEB For memory cycles the PCEB as an EISA master drives the LA address lines During reset these signals are tri-stated 22 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |