Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 36 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 36 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 32Page - Intel Corporation 82375EB Datasheet HTML 33Page - Intel Corporation 82375EB Datasheet HTML 34Page - Intel Corporation 82375EB Datasheet HTML 35Page - Intel Corporation 82375EB Datasheet HTML 36Page - Intel Corporation 82375EB Datasheet HTML 37Page - Intel Corporation 82375EB Datasheet HTML 38Page - Intel Corporation 82375EB Datasheet HTML 39Page - Intel Corporation 82375EB Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 131 page
background image
82375EBSB
Bit
Description
75
Reserved
4
MEMCS
Master Enable
When bit 4e1 the PCEB asserts MEMCS
for all accesses to the defined
MEMCS
region (as defined by the MCSTOM Register and excluding the memory hole defined by the
MCSBOH and MCSTOH Registers) if the accessed location is in a region enabled by bits 30 of this
register or in the regions defined by the MAR1 MAR2 and MAR3 registers When bit 4e0 the entire
MEMCS
function is disabled and MEMCS
is never asserted
3
Write Enable For 0F0000 – 0FFFFFh (Upper 64 KByte BIOS)
When bit 3e1 the PCEB generates
MEMCS
for PCI master memory write accesses to the address range 0F0000 – 0FFFFFh When bit
3e0 the PCEB does not generate MEMCS
for PCI master memory write accesses to the address
range 0F0000 – 0FFFFFh
2
Read Enable For 0F0000 – 0FFFFFh (Upper 64 KByte BIOS)
When bit 2e1 the PCEB generates
MEMCS
for PCI master memory read accesses to the address range 0F0000 – 0FFFFFh When bit
2e0 the PCEB does not generate MEMCS
for PCI master memory read accesses to the address
range 0F0000 – 0FFFFFh
1
Write Enable For 080000 – 09FFFFh (512 – 640 KByte)
When bit 1e1 the PCEB generates
MEMCS
for PCI master memory write accesses to the address range 080000 – 09FFFFh When bit
1e0 the PCEB does not generate MEMCS
for PCI master memory write accesses to the address
range 080000 – 09FFFFh
0
Read Enable For 080000 – 09FFFFh (512 – 640 KByte)
When bit 0e1 the PCEB generates
MEMCS
for PCI master memory read accesses to the address range 080000 – 09FFFFh When bit
0e0 the PCEB does not generate MEMCS
for PCI master memory read accesses to the address
range 080000 – 09FFFFh
3112 MCSBOHMEMCS
BOTTOM OF HOLE REGISTER
Address Offset
45h
Default value
10h
Attribute
ReadWrite
Size
8 bits
This register defines the bottom of the MEMCS
hole MEMCS
is not generated for accesses to addresses
within the hole defined by this register and the MCSTOH Register The hole is defined by the following
equation
TOH t address t BOH TOH is the top of the MEMCS
hole defined by the MCSTOH Register and BOH is
the bottom of the MEMCS
hole defined by this register
For example to program the BOH at 1 MByte the value of 10h should be written to this register To program
the BOH at 2 MByte a 64 KByte this register should be programmed to 21h To program the BOH at 8 MByte
this register should be programmed to 80h
When the TOH k BOH the hole is disabled If TOHeBOH the hole size is 64 KBytes It is the responsibility of
the programmer to guarantee that the BOH is at or above 1 MB AD 3124 must be 0’s for the hole meaning
the hole is restricted to be under the 16 MByte boundary The default value for the BOH and TOH disables the
hole
Bit
Description
70
Bottom of MEMCS
Hole
Bits 70 correspond to address lines AD 2316 respectively
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com