Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 14 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 10Page - Intel Corporation 82375EB Datasheet HTML 11Page - Intel Corporation 82375EB Datasheet HTML 12Page - Intel Corporation 82375EB Datasheet HTML 13Page - Intel Corporation 82375EB Datasheet HTML 14Page - Intel Corporation 82375EB Datasheet HTML 15Page - Intel Corporation 82375EB Datasheet HTML 16Page - Intel Corporation 82375EB Datasheet HTML 17Page - Intel Corporation 82375EB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 131 page
background image
82375EBSB
20 SIGNAL DESCRIPTION
This section provides a detailed description of each signal The signals are arranged in functional groups
according to their associated interface
The ‘‘ ’’ symbol at the end of a signal name indicates that the active or asserted state occurs when the signal
is at a low voltage level When ‘‘ ’’ is not present after the signal name the signal is asserted when at the high
voltage level
The terms assertion and negation are used extensively This is done to avoid confusion when working with a
mixture of ‘‘active-low’’ and ‘‘active-high’’ signals The term assert or assertion indicates that a signal is
active independent of whether that level is represented by a high or low voltage The term negate or
negation
indicates that a signal is inactive
The following notations are used to describe the signal type
in
Input is a standard input-only signal
out
Totem Pole output is a standard active driver
od
Open Drain inputoutput
ts
Tri-State is a bi-directional tri-state inputoutput pin
sts
Sustained Tri-State is an active low tri-state signal owned and driven by one and only one agent at a
time The agent that drives a sts pin low must drive it high for at least one clock before letting it float
A new agent can not start driving a sts signal any sooner than one clock after the previous owner tri-
states it An external pull-up is required to sustain the inactive state until another agent drives it and
must be provided by the central resource
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com