Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 67 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 67 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 63Page - Intel Corporation 82375EB Datasheet HTML 64Page - Intel Corporation 82375EB Datasheet HTML 65Page - Intel Corporation 82375EB Datasheet HTML 66Page - Intel Corporation 82375EB Datasheet HTML 67Page - Intel Corporation 82375EB Datasheet HTML 68Page - Intel Corporation 82375EB Datasheet HTML 69Page - Intel Corporation 82375EB Datasheet HTML 70Page - Intel Corporation 82375EB Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 131 page
background image
82375EBSB
5126 Memory Write
Target support
Decode
Negative (82374SB only) and Subtractive
Data Path
Flow through
PCEB Response
Memory write cycles may be claimed by the PCEB via negative or subtractive decoding The PCEB asserts
DEVSEL
to claim the cycle Unclaimed PCI cycles (DEVSEL
time-out) within the 4 GByte memory space
are claimed by the PCEB via subtractively decoding and forwarded to the EISA Bus The memory write cycle is
subject to retry If the PCEB is locked the cycle triggers buffer management activity If the EISA Bus is
occupied by an EISAISA master or the DMA the memory write cycle is retried If the cycle is retried due to a
disabled buffer because the EISA Bus is occupied the EISA Bus is requested
Once a memory write cycle is accepted (not retried) by the PCEB the PCEB holds the PCI Bus in wait states
(using TRDY ) until the cycle is completed on the EISA Bus
Result of no response on EISA The PCEB initiates a standard length EISA memory write cycle and terminates
normally
Initiator support
Data Path Line Buffer when enabled flow through when Line Buffer is disabled
Cycle Generation Conditions
As an initiator the PCEB generates a PCI memory write cycle when it decodes an EISA memory write cycle
destined to PCI that can not be serviced by the Line Buffer because it is disabled This occurs for EISAISA
masters and DMA cycles when the Line Buffer is disabled The PCEB also generates a memory write cycle
when the Line Buffer needs to be flushed The Line Buffer is flushed under several conditions including when
the 16 byte line is full when there is a ‘‘miss’’ to the current 16 byte line or when it is required by the buffer
management logic (See Section 60 Data Buffering)
As an initiator the PCEB generates only linear incrementing burst ordering that is signaled by AD 10 e‘‘00’’
during address phase Other types of burst transfers (ie cache line toggle mode) are never initiated by the
PCEB
Result of no response on PCI Master abort due to DEVSEL
time-out
5127 Configuration Read Configuration Write
Target support
Decode
via IDSEL pin
Data Path
Flow through
Response
The PCEB responds to configuration cycles by generating DEVSEL
when its IDSEL signal is asserted
regardless of the address During configuration cycles AD 72 are used to address the PCEB’s configuration
space AD 318 are not used and are logical ‘‘don’t cares’’ AD 10 must be zero
Result of no response on EISA NA
Initiator support
Configuration cycles are never generated by the PCEB
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com