Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 91 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 91 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 87Page - Intel Corporation 82375EB Datasheet HTML 88Page - Intel Corporation 82375EB Datasheet HTML 89Page - Intel Corporation 82375EB Datasheet HTML 90Page - Intel Corporation 82375EB Datasheet HTML 91Page - Intel Corporation 82375EB Datasheet HTML 92Page - Intel Corporation 82375EB Datasheet HTML 93Page - Intel Corporation 82375EB Datasheet HTML 94Page - Intel Corporation 82375EB Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 131 page
background image
82375EBSB
As a master the PCEB does not know if it is accessing the same target and thus does not generate fast
back-to-back accesses As a slave the PCEB is capable of decoding fast back-to-back cycles
290477 – 65
Figure 23 Arbitration for Back-to-Back Access
543 RETRY THRASHING RESOLVE
When a PCI initiator’s access is retried the initiator releases the PCI Bus for a minimum of two PCI clocks and
then normally requests the PCI Bus again To avoid thrashing of the bus with retry after retry the PCI arbiter’s
state tracer provides REQ
masking Tracking retried masters requires latching GNT
during FRAME
so
that the correct retried master can be masked The state tracer masks a REQ
after that particular agent is
retried on the PCI Bus The state tracer differentiates between two retry events The two events include PCEB
target retries and all other retries
For initiators that were retried by the PCEB as a target the masked REQ
is flagged to be cleared upon
RESUME
active All other retries trigger the Master Retry Timer (described in Section 5442 Master Retry
Timer) When this timer expires the mask is cleared
5431 Resume Function
The PCEB forces a retry to a PCI master (resulting in masking the REQ
of that master) for the following
1 Buffer management activities (See Section 60 Data Buffering)
2 The EISA Bus is occupied by an EISAISA master or DMA
4 The PCEB is locked as a resource and PLOCK
is asserted during the address phase
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com