Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 26 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 26 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 22Page - Intel Corporation 82375EB Datasheet HTML 23Page - Intel Corporation 82375EB Datasheet HTML 24Page - Intel Corporation 82375EB Datasheet HTML 25Page - Intel Corporation 82375EB Datasheet HTML 26Page - Intel Corporation 82375EB Datasheet HTML 27Page - Intel Corporation 82375EB Datasheet HTML 28Page - Intel Corporation 82375EB Datasheet HTML 29Page - Intel Corporation 82375EB Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 131 page
background image
82375EBSB
Pin Name
Type
Description
DATA SWAP BUFFER CONTROL
SDCPYEN01
in
COPY ENABLE
These active Low signals perform byte copy operation on the
EISA data bus (SD 310 ) The Copy Enable signals are asserted during mis-
SDCPYEN02
matched cycles and are used by the PCEB to enable byte copy operations
SDCPYEN03
between the SD data byte lanes 0 1 2 and 3 as follows
SDCPYEN13
SDCPYEN01
Copy between Byte Lane 0 (SD 70 ) and Byte Lane 1
(SD 158 )
SDCPYEN02
Copy between Byte Lane 0 (SD 70 ) and Byte Lane 2
(SD 2316 )
SDCPYEN03
Copy between Byte Lane 0 (SD 70 ) and Byte Lane 3
(SD 3124 )
SDCPYEN13
Copy between Byte Lane 1 (SD 158 ) and Byte Lane 3
(SD 3124 )
Note that the direction of the copy is controlled by SDCPYUP
SDCPYUP
in
SYSTEM DATA COPY UP
SDCPYUP controls the direction of the byte copy
operation A high on SDCPYUP indicates a COPY UP operation where the lower
byte(s) of the SD data bus are copied onto the higher byte(s) of the bus A low on
the signal indicates a COPY DOWN operation where the higher byte(s) of the data
bus are copied on to the lower byte(s) of the bus The PCEB uses this signal to
perform the actual data byte copy operation during mis-matched cycles
SDOE 20
in
SYSTEM DATA OUTPUT ENABLE
These active Low signals enable the SD data
output onto the EISA Bus The ESC only activates these signals during mis-
matched cycles The PCEB uses these signal to enable the SD data buffers as
follows
SDOE0
Enables byte lane 0 SD 70
SDOE1
Enables byte lane 1 SD 158
SDOE2
Enables byte lane 3 SD 3124 and byte lane 2
SD 2316
SDLE 30
in
SYSTEM DATA LATCH ENABLE
SDLE 30
enable the latching of data on the
EISA Bus These signals are activated only during mis-matched cycles except
PCEB-initiated write cycles The PCEB uses these signals to latch the SD data bus
as follows
SDLE0
Latch byte lane 0 SD 70
SDLE1
Latch byte lane 1 SD 158
SDLE2
Latch byte lane 2 SD 2316
SDLE3
Latch byte lane 3 SD 3124
27 Test Signal
Pin Name
Type
Description
TEST
in
TEST
This pin is used to tri-state all PCEB outputs During normal operations this pin
must be tied high
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com