Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82375EB Datasheet(PDF) 57 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 57 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 53Page - Intel Corporation 82375EB Datasheet HTML 54Page - Intel Corporation 82375EB Datasheet HTML 55Page - Intel Corporation 82375EB Datasheet HTML 56Page - Intel Corporation 82375EB Datasheet HTML 57Page - Intel Corporation 82375EB Datasheet HTML 58Page - Intel Corporation 82375EB Datasheet HTML 59Page - Intel Corporation 82375EB Datasheet HTML 60Page - Intel Corporation 82375EB Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 131 page
background image
82375EBSB
4141 ESC Resident PIC Registers
Access to the 8259 registers are positively decoded if enabled through PDCON Register to minimize access
time to the system interrupt controller during interrupt processing (in particular during the EOI command
sequence) Table 3 shows the 8259 IO address map After PCIRST
positively decoded access to these
address ranges is disabled
Table 3 ESC Resident Programmable Interrupt Controller (PIC) Registers
Address
Address
Address
Address
Address
Access
(hex)
Bits
Bits
Bits
Bits
Type
Register Name
FEDC
BA98
7654
3210
0020h
0000
0000
001x
xx00
RW
INT 1 Control
0021h
0000
0000
001x
xx01
RW
INT 1 Mask
00A0h
0000
0000
101x
xx00
RW
INT 2 Control
00A1h
0000
0000
101x
xx01
RW
INT 2 Mask
4142 EISA Resident IDE Registers
The PCI address decoder positively decodes IDE IO addresses (Primary and Secondary IDE) that exist within
the EISA subsystem (typically on the X-bus or as an ISA slave) This feature is implemented to minimize the
decoding penalty for the systems that use IDE as a mass-storage controller Table 4 shows IDE’s IO address
map Note that the PDCON Register controls the enabledisable function for IDE decoding After PCIRST
positive decode of the IDE address range is disabled
Table 4 EISA Resident IDE Registers
Address
(hex)
Addess (Bits)
Access
Type
Register Name
FEDC
BA98
7654
3210
0170h
0000
0001
0111
0000
RW
Secondary Data Register
0171h
0000
0001
0111
0001
RW
Secondary Error Register
0172h
0000
0001
0111
0010
RW
Secondary Sector Count Register
0173h
0000
0001
0111
0011
RW
Secondary Sector Number Register
0174h
0000
0001
0111
0100
RW
Secondary Cylinder Low Register
0175h
0000
0001
0111
0101
RW
Secondary Cylinder High Register
0176h
0000
0001
0111
0110
RW
Secondary Drivehead Register
0177h
0000
0001
0111
0111
RW
Secondary Status Register
01F0h
0000
0001
1111
0000
RW
Primary IDE Data Register
01F1h
0000
0001
1111
0001
RW
Primary Error Register
01F2h
0000
0001
1111
0010
RW
Primary Sector Count Register
01F3h
0000
0001
1111
0011
RW
Primary Sector Number Register
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com