| Electronic Components Datasheet Search |
|
82375EB Datasheet(PDF) 104 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82375EB Datasheet(HTML) 104 Page - Intel Corporation |
|
104 / 131 page ![]() 82375EBSB The ESC negates CMD after one BCLK period unless the slave adds wait states (negates EXRDY) The ESC latches SD 150 into the PCEB’s data swap buffer on the trailing edge of CMD The ESC controls the PCEB data swap buffers via the PCEBESC Interface The ESC then asserts START and presents BE 30 (upper word enabled) The ESC negates START and asserts CMD The slave latches the address on the trailing edge of START and presents data on SD 150 The ESC negates CMD after one BCLK unless the slave negates EXRDY The ESC latches SD 150 into the PCEB data swap buffers on the trailing edge of CMD and instructs the PCEB data swap buffer to copy D 150 to D 310 and asserts EX32 Note that since the transfer is intended for the PCEB the data is not re-driven back out onto the EISA Bus The ESC floats the START and BE 30 The PCEB regains control of the EISA Bus after sampling EX32 and EX16 asserted PCEB Writing To a 16-bit EISA Slave As a 32-bit EISA master the PCEB begins by placing the address on LA 312 and driving MIO The 16-bit EISA slave decodes the address and asserts EX16 The PCEB asserts START WR BE 30 and SD 310 The ESC samples EX32 and EX16 on the rising edge of BCLK following the assertion of START and asserts CMD At the same time the PCEB negates START and samples EX32 When EX32 is sampled negated the PCEB floats START SD 310 and BE 30 The data is latched in the PCEB’s data swap buffers Note that the PCEB continues to drive a valid address on LA 312 The ESC instructs the PCEB to drive the data out on SD 310 and asserts CMD after sampling EX32 negated The slave may sample SD 150 while CMD is asserted The ESC negates CMD after one BCLK unless the slave adds wait states (negates EXRDY) The ESC then presents BE 30 (upper word enabled) and asserts START The ESC instructs the PCEB to copy SD 310 to SD 150 negates START and asserts CMD The ESC negates CMD after one BCLK unless the slave negates EXRDY The slave latches the address on the trailing edge of START and samples SD 150 on the trailing edge of CMD The ESC returns control of the EISA Bus to the PCEB by floating BE 30 and START then asserting EX32 The PCEB samples EX32 and EX16 asserted on the rising edge of BCLK 104 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |