Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 2Page - STMicroelectronics AN2950 Datasheet HTML 3Page - STMicroelectronics AN2950 Datasheet HTML 4Page - STMicroelectronics AN2950 Datasheet HTML 5Page - STMicroelectronics AN2950 Datasheet HTML 6Page - STMicroelectronics AN2950 Datasheet HTML 7Page - STMicroelectronics AN2950 Datasheet HTML 8Page - STMicroelectronics AN2950 Datasheet HTML 9Page - STMicroelectronics AN2950 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Adapter features
AN2950
6/37
Doc ID 15494 Rev 1
1
Adapter features
Table 1 lists the electrical specifications of the demonstration board.
1.1
Circuit description
The power supply is set-up in a flyback topology. Its schematic is shown in Figure 2. The
input section includes the protection elements (fuse and NTC for inrush current limiting), a
filter for EMC suppression (C1, T2, C13), a diode bridge (BR1) and an electrolytic bulk
capacitor (C3) as the front-end AC-DC converter. The transformer uses a standard E25
ferrite core. A transil clamp network is used to demagnetize the leakage inductance.
At power-up, the DRAIN pin supplies the internal HV start-up current generator that charges
the C4 capacitor up to VDDon. At this point, the power MOSFET starts switching, the
generator is turned off and the IC is powered by the energy stored in C4 until the auxiliary
winding voltage becomes high enough to sustain the operation through D1 and R1.
The value of the resistor R3 between the CONT and GND pins is high enough that the
VIPer28’s current limit does not change with respect to the datasheet’s default value IDlim.
This resistor, in conjunction with D2, R14 and R15, is used to realize the overvoltage
protection and the feedforward correction function, as described further in this document.
The output rectifier D4 has been selected according to the calculated maximum reverse
voltage, forward voltage drop and power dissipation, and is a power Schottky type.
The output voltage regulation is performed by a secondary feedback with a TS431 driving
an optocoupler (in this case a PC817) ensuring the required insulation between the primary
and secondary. The opto-transistor drives directly the FB pin of the VIPer28, which is
connected to the compensation network made up by C6, C7 and R12.
A small LC filter has been added at the output in order to filter the high-frequency ripple
without increasing the size of the output capacitors, and a 100 nF capacitor has been placed
very close to the solder points of the output connector to limit the spike amplitude.
Table 1.
Electrical specification
Parameter
Symbol
Value
Input voltage range
VIN
[90 VRMS; 265 VRMS]
Output voltage
VOUT
5 V
Maximum output current
IOUTmax
2 A
Peak output current
IOUTpk
3 A
Precision of output regulation
Δ
VOUT_LF
±5%
High-frequency output voltage
ripple
Δ
VOUT_HF
50 mV
Maximum ambient operating
temperature
TA
60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com