Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2950 Datasheet HTML 1Page - STMicroelectronics AN2950 Datasheet HTML 2Page - STMicroelectronics AN2950 Datasheet HTML 3Page - STMicroelectronics AN2950 Datasheet HTML 4Page - STMicroelectronics AN2950 Datasheet HTML 5Page - STMicroelectronics AN2950 Datasheet HTML 6Page - STMicroelectronics AN2950 Datasheet HTML 7Page - STMicroelectronics AN2950 Datasheet HTML 8Page - STMicroelectronics AN2950 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
April 2010
Doc ID 15494 Rev 1
1/37
AN2950
Application note
EVLVIPER28L-10W: 5 V/10 W, 60 kHz isolated flyback
with extra power management
Introduction
This document describes a 5 V, 2 A application with 3.3 A peak current capability of 1.9 sec,
using VIPer28, a new offline high-voltage converter from STMicroelectronics.
In some applications, an SMPS sometimes undergoes load peaks that can be two or more
times as much as the power it is supposed to deliver, though only for a short time interval
compared to the thermal time constants of the power components. Typical examples of such
loads are printers and audio systems.
In such cases, it is more cost-effective to thermally design the system for the maximum
continuous power and not for the peak power demand, which is sustained only for a limited
time window.
Such a design is possible thanks to the EPT function of the VIPer28, which allows the
designer to fix the maximum time window during which the converter is able to manage the
peak power and still maintain output voltage regulation. If the overload lasts for longer than
this time window, the converter is automatically shut down and enters auto-restart mode
until the overload is removed, so as to prevent damage to the power components.
The device has many other features such as an 800 V avalanche rugged power section,
PWM operation at 60 kHz with frequency jittering for lower EMI, a limiting current with
adjustable setpoint, an on-board soft-start, a safe auto-restart after a fault condition, and a
low standby power (< 50 mW at 265 VAC).
The available protections include adjustable and accurate overvoltage protection, thermal
shutdown with hysteresis and delayed overload protection.
Figure 1.
Demonstration board
www.st.com


Similar Part No. - AN2950

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN295 SILABS-AN295 Datasheet
243Kb / 18P
USB AUDIO CLASS TUTORIAL
logo
STMicroelectronics
AN2957 STMICROELECTRONICS-AN2957 Datasheet
1Mb / 21P
Implementing an RC5 infrared transmitter
04-Jun-2010
More results

Similar Description - AN2950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN0436 STMICROELECTRONICS-TN0436 Datasheet
73Kb / 10P
This document describes the differences between
18-Sep-2013
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
This document describes the functions
19-Sep-2012
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
This document describes the functioning
18-Sep-2012
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
This document describes the functioning
30-Aug-2012
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
This document describes a reference design
05-Dec-2005
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
This document describes
20-Sep-2011
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
This document describes
17-Jun-2009
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
This document describes the operation
logo
ams AG
AS1111C AMSCO-AS1111C Datasheet
759Kb / 10P
This document describes the AS1111C Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com