Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 20Page - STMicroelectronics AN2950 Datasheet HTML 21Page - STMicroelectronics AN2950 Datasheet HTML 22Page - STMicroelectronics AN2950 Datasheet HTML 23Page - STMicroelectronics AN2950 Datasheet HTML 24Page - STMicroelectronics AN2950 Datasheet HTML 25Page - STMicroelectronics AN2950 Datasheet HTML 26Page - STMicroelectronics AN2950 Datasheet HTML 27Page - STMicroelectronics AN2950 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Testing the board
AN2950
24/37
Doc ID 15494 Rev 1
Since the value of R3 has already been selected as a consequence of the maximum output
power that the converter has to deliver, R14 can be chosen according to the following
formula to reach the desired output overvoltage threshold, VOUT_OVP:
Equation 1
where VγD2 and VγD4 are the forward drop of the diodes D2 and D4 respectively, NAUX and
NSEC are the number of turns of the auxiliary and secondary winding respectively. If the
overvoltage protection is not required, D2 and R14 can be removed.
The above formula, solved for VOUT_OVP, gives about 7.2 V for the setting of the presented
board.
This value has been verified experimentally, short-circuiting the lower resistor (R9) of the
output voltage divider and thus producing an output overvoltage, as shown in the figures
below. In Figure 37 one can see that as VOUT reaches the value of 7.2 V, the converter
stops switching. In the same figure, the CONT pin voltage and the FB pin voltage are
reported. The crest value of the CONT pin voltage during the MOSFET’s off time tracks the
output voltage. The converter is shut down when the CONT pin voltage reaches the 3 V
threshold, as shown in Figure 38.
The OVP protection is in auto-restart mode: after the shutdown for protection tripping, the
VDD recycles and, if the overvoltage is still present, the protection is tripped again,
indefinitely, until the cause of the fault is removed, at which point the converter resumes
normal operation, as shown in Figure 39.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
+
⋅
⋅
=
γ
γ
OVP
OVP
_
OUT
SEC
AUX
OVP
)
3
R
_(
LIM
)
14
R
_(
OVP
V
)
V
V
V
(
N
N
V
R
R
2
D
4
D
Figure 37.
Output overvoltage protection at
115 VIN_AC 0.2 A
Figure 38.
Output voltage ripple at 230 VIN_AC
no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com