Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 6Page - STMicroelectronics AN2950 Datasheet HTML 7Page - STMicroelectronics AN2950 Datasheet HTML 8Page - STMicroelectronics AN2950 Datasheet HTML 9Page - STMicroelectronics AN2950 Datasheet HTML 10Page - STMicroelectronics AN2950 Datasheet HTML 11Page - STMicroelectronics AN2950 Datasheet HTML 12Page - STMicroelectronics AN2950 Datasheet HTML 13Page - STMicroelectronics AN2950 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Adapter features
AN2950
10/37
Doc ID 15494 Rev 1
Figure 5.
Transformer size - side view 1
Figure 6.
Transformer size - side view 2
Table 4.
Transformer pin description
Pin
Description
Pin
Description
5
Primary, to the DC input voltage (400 V)
6
Secondary output
4
Primary, to the drain of the MOSFET
7
3Removed
8
n.c
2
Auxiliary GND
9
Secondary GND
1
Auxiliary output
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com