Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 4Page - STMicroelectronics AN2950 Datasheet HTML 5Page - STMicroelectronics AN2950 Datasheet HTML 6Page - STMicroelectronics AN2950 Datasheet HTML 7Page - STMicroelectronics AN2950 Datasheet HTML 8Page - STMicroelectronics AN2950 Datasheet HTML 9Page - STMicroelectronics AN2950 Datasheet HTML 10Page - STMicroelectronics AN2950 Datasheet HTML 11Page - STMicroelectronics AN2950 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Adapter features
AN2950
8/37
Doc ID 15494 Rev 1
Table 2.
Bill of materials
Reference
Part
Description
Manufacturer
BR1
DF06M
600 V 1 A diodes bridge
VISHAY
C1, C13
100 nF X2 capacitor
EVOX RIFA
C3
47 µF 450 V electrolytic capacitor
PANASONIC
C4
22 µF 35 V electrolytic capacitor
PANASONIC
C5, C9
Not mounted
C6
3.3 nF 25 V ceramic capacitor
EPCOS
C7
33 nF 50 V ceramic capacitor
EPCOS
C8
2.2 nF Y1 capacitor
CERAMITE
C14, C15
MCZ series
1000 µF 10 V ultra-low ESR electrolytic
capacitor
RUBYCON
C10
100 µF 10 V electrolytic capacitor
PANASONIC
C11
4.7 nF 100 V ceramic capacitor
EPCOS
C12
2.2 µF 50 V electrolytic capacitor
PANASONIC
C16
2.2 nF 100 V ceramic capacitor
AVX
D1
BAT46
Diode
STMicroelectronics
D2
1N4148
Small-signal, high-speed diode
NXP
D3
STTH1L06
Ultra-fast, high-voltage diode
STMicroelectronics
D4
STPS5L40
5 A - 40 V power Schottky rectifier
STMicroelectronics
D5
1.5KE300
Transil
STMicroelectronics
Dz
BZX79-C18
18 V Zener diode
NXP
F1
TR5 250 V 500 mA
Fuse
SCHURTER
L1
RFB0807-2R2L
2.2 µH
COILCRAFT
NTC1
2.2
Ω thermistor
EPCOS
OPTO1
PC817D
Opto coupler
SHARP
R1
4.7
Ω 1/4 W axial resistor
R3
68 k
Ω 1/4 W axial resistor
R6
15 k
Ω 1/4 W axial resistor
R8
82 k
Ω 1/4 W axial resistor 1% tolerance
R9
27 k
Ω 1/4 W axial resistor 1% tolerance
R10
560 k
Ω 1/4 W axial resistor
R12
10 k
Ω 1/4 W axial resistor
R13
3.3 k
Ω 1/4 W axial resistor
R14
330 k
Ω 1/4 W axial resistor
R15
2 M
Ω 1/4 W axial resistor
Rz
68
Ω 1/4 W axial resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com