Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 23Page - STMicroelectronics AN2950 Datasheet HTML 24Page - STMicroelectronics AN2950 Datasheet HTML 25Page - STMicroelectronics AN2950 Datasheet HTML 26Page - STMicroelectronics AN2950 Datasheet HTML 27Page - STMicroelectronics AN2950 Datasheet HTML 28Page - STMicroelectronics AN2950 Datasheet HTML 29Page - STMicroelectronics AN2950 Datasheet HTML 30Page - STMicroelectronics AN2950 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AN2950
Testing the board
Doc ID 15494 Rev 1
27/37
Figure 44.
EPT thresholds
The time window TEPT during which the extra power is allowed to be supplied can be
chosen according to the following formula:
Equation 2
The value of TEPT has to be chosen so as to prevent overheating of the VIPer28 and of the
power elements (usually up to a few seconds).
The EPT pin can be connected to GND if the function is not used.
2.10
Thermal measurements
A thermal analysis of the board has been performed using an IR camera. The results are
shown in Figure 45 for a 90 VAC mains input, full load condition.
Figure 45.
Thermal measurements at 90 VAC full load, Tamb = 25 °C
EPT
EPT
EPT
EPT
V
T
I
C
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com