Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 10Page - STMicroelectronics AN2950 Datasheet HTML 11Page - STMicroelectronics AN2950 Datasheet HTML 12Page - STMicroelectronics AN2950 Datasheet HTML 13Page - STMicroelectronics AN2950 Datasheet HTML 14Page - STMicroelectronics AN2950 Datasheet HTML 15Page - STMicroelectronics AN2950 Datasheet HTML 16Page - STMicroelectronics AN2950 Datasheet HTML 17Page - STMicroelectronics AN2950 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Testing the board
AN2950
14/37
Doc ID 15494 Rev 1
Table 7 shows the measured value of the burst mode frequency ripple measured in different
operating conditions. The ripple in burst mode operation is very low and always below
25 mV.
2.4
Efficiency
This and the following section report the results of efficiency and light load measurements.
Appendix A at the end of this document provides some details on the settings of the power
measurement equipment.
According to the ENERGY STAR
®
average active mode efficiency testing method, the
efficiency measurements have been done at full load and at 75%, 50% and 25% of full load
for different input voltages. The results are reported in Table 8.
Figure 17.
Output voltage ripple at 115 VIN_AC
50 mA
Figure 18.
Output voltage ripple at 230VIN_AC
50 mA
Table 7.
Burst mode related output voltage ripple
VIN
No load (mV)
25 mA load (mV)
50 mA load (mV)
90514
15.4
115
5.6
18.2
20.2
230
6
19.2
22
265
6.5
20.2
24
Table 8.
Efficiency
VIN_AC (VRMS)
Efficiency (%)
Full load
(2 A)
75% load
(1.5 A)
50% load
(1 A)
25% load
(0.5 A)
90
79.06
79.93
79.41
83.72
115
80.61
81.12
83.45
83.78
150
81.53
81.85
81.73
85.03
180
81.90
81.58
80.46
80.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com