Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 21Page - STMicroelectronics AN2950 Datasheet HTML 22Page - STMicroelectronics AN2950 Datasheet HTML 23Page - STMicroelectronics AN2950 Datasheet HTML 24Page - STMicroelectronics AN2950 Datasheet HTML 25Page - STMicroelectronics AN2950 Datasheet HTML 26Page - STMicroelectronics AN2950 Datasheet HTML 27Page - STMicroelectronics AN2950 Datasheet HTML 28Page - STMicroelectronics AN2950 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AN2950
Testing the board
Doc ID 15494 Rev 1
25/37
The output OVP threshold has been measured in different line/load conditions and the
results are reported in Table 18.
In Figure 41, the same results – normalized with respect to the calculated VOUT_OVP
threshold (7.2 V) – are plotted in a graphic format to show that in any case the actual
threshold is within some percentage of tolerance of the expected value.
Figure 41.
Normalized output OVP threshold vs load
Figure 39.
Auto-restart mode of the
overvoltage protection
Figure 40.
Auto-restart mode of the
overvoltage protection (zoom)
Table 18.
Output overvoltage threshold at different input/output conditions
VOUT_OVP [V]
VIN [VAC]
90
115
230
265
IOUT [A]
0.01
7.15
7.16
7.26
7.3
0.5
7.277.267.27
7.31
1
7.227.257.34
7.4
2
7.3
7.32
7.4
7.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com