Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 14Page - STMicroelectronics AN2950 Datasheet HTML 15Page - STMicroelectronics AN2950 Datasheet HTML 16Page - STMicroelectronics AN2950 Datasheet HTML 17Page - STMicroelectronics AN2950 Datasheet HTML 18Page - STMicroelectronics AN2950 Datasheet HTML 19Page - STMicroelectronics AN2950 Datasheet HTML 20Page - STMicroelectronics AN2950 Datasheet HTML 21Page - STMicroelectronics AN2950 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Testing the board
AN2950
18/37
Doc ID 15494 Rev 1
Figure 23.
ENERGY STAR
®
efficiency criteria
The presented power supply belongs to the low-voltage power supply category and, in order
to be compliant with ENERGY STAR
®
requirements, needs to have an efficiency higher
than 73.37%. For all the considered input voltages, the efficiency (see Table 8) results are
higher than the recommended value.
2.5
Light load performances
The input power of the converter has been measured in no load conditions for different input
voltages. The results are reported in Table 13.
Version 2.0 of the ENERGY STAR® program also takes into consideration the power
consumption of the power supply when it is not loaded. The criteria to be compliant with are
reported in Table 14.
The performance of the presented board is much better than the requirement; the power
consumption is about twelve times lower than the ENERGY STAR
®
limit.
Table 13.
No load input power
VIN_AC (VRMS)
Pin (mW)
90
13.8
115
14.5
150
16
180
17
230
20
265
24
Table 14.
Energy consumption criteria for no load
Nameplate output power (Pno)
Maximum power in no load for AC-DC EPS
0 to = 50 W
< 0.3 W
> 50 W < 250 W
< 0.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com