Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 16Page - STMicroelectronics AN2950 Datasheet HTML 17Page - STMicroelectronics AN2950 Datasheet HTML 18Page - STMicroelectronics AN2950 Datasheet HTML 19Page - STMicroelectronics AN2950 Datasheet HTML 20Page - STMicroelectronics AN2950 Datasheet HTML 21Page - STMicroelectronics AN2950 Datasheet HTML 22Page - STMicroelectronics AN2950 Datasheet HTML 23Page - STMicroelectronics AN2950 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Testing the board
AN2950
20/37
Doc ID 15494 Rev 1
Depending on the equipment supplied, there are several criteria to measure the standby or
light load performance of a converter. One of these is the measurement of the output power
when the input power is equal to one watt. Table 17 reports the output power needed to
obtain 1 W of input power in different line conditions. Figure 25 shows the results of this
measurement.
Figure 25.
Pout vs VIN at Pout = 1 W
2.6
Overload protection
The VIPer28 is a current mode converter. This means that the regulation of the output
voltage is made by increasing or decreasing the primary peak current on a cycle-by-cycle
basis as a consequence of the increase or decrease of the output power demand.
The peak current is internally sensed and converted into a voltage that is compared with the
FB pin voltage. The device is shut down as soon as the two voltages become equal.
When the FB pin voltage reaches VFBlin (3.5 V typical), the drain peak current reaches its
maximum value, IDlim (which is 0.8 A typical or a lower value according to the value of the
resistor if connected between the LIM and GND pins).
If the load power demand exceeds the converter’s power capability, the FB pin voltage
exceeds VFBlin and the device waits for a certain time, fixed by the value of the capacitor C7,
before shutting down the system: the internal pull-up is disconnected and the pin starts
sourcing a 3 µA current that charges the capacitor.
Table 17.
Output power when the input power is 1 W
VIN_AC
PIN (W)
POUT (W)
Eff. (%)
PIN-POUT (W)
90
1
0.81663
81.663
0.18337
115
1
0.83166
83.166
0.16834
150
1
0.81162
81.162
0.18838
180
1
0.78657
78.657
0.21343
230
1
0.77655
77.655
0.22345
265
1
0.77154
77.154
0.22846



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com