Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2950 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 13Page - STMicroelectronics AN2950 Datasheet HTML 14Page - STMicroelectronics AN2950 Datasheet HTML 15Page - STMicroelectronics AN2950 Datasheet HTML 16Page - STMicroelectronics AN2950 Datasheet HTML 17Page - STMicroelectronics AN2950 Datasheet HTML 18Page - STMicroelectronics AN2950 Datasheet HTML 19Page - STMicroelectronics AN2950 Datasheet HTML 20Page - STMicroelectronics AN2950 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AN2950
Testing the board
Doc ID 15494 Rev 1
17/37
Figure 22.
Input voltage averaged efficiency vs load
In version 2.0 of the ENERGY STAR® program requirements for single voltage external
AC-DC power supplies(a), the power supplies are divided into two categories: low-voltage
power supplies and standard power supplies with respect to the nameplate output voltage
and current. To be considered a low-voltage power supply, an external power supply must
have a nameplate output voltage of less than 6 V and a nameplate output current of more
than or equal to 550 mA.
The following tables report the EPA energy efficiency criteria for AC-DC power supplies in
active mode for standard models and low voltage models respectively.
The criteria are plotted in Figure 23, where the red line depicts the criteria for the standard
model and the blue line the criteria for the low voltage model. The PNO axis uses a
logarithmic scale.
a.
Refer to Chapter : References.
Table 11.
Energy efficiency criteria for standard models
Nameplate output power
(Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 to = 1 W
= 0.48
× Pno + 0.140
> 1 to = 49 W
= [0.0626 × In (Pno)] + 0.622
> 49 W
= 0.870
Table 12.
Energy efficiency criteria for low-voltage models
Nameplate output power
(Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 to = 1 W
= 0.497 × Pno + 0.067
> 1 to = 49 W
= [0.075 × In (Pno)] + 0.561
> 49 W
= 0.860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com