Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0020 Datasheet(PDF) 54 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 50Page - STMicroelectronics PM0020 Datasheet HTML 51Page - STMicroelectronics PM0020 Datasheet HTML 52Page - STMicroelectronics PM0020 Datasheet HTML 53Page - STMicroelectronics PM0020 Datasheet HTML 54Page - STMicroelectronics PM0020 Datasheet HTML 55Page - STMicroelectronics PM0020 Datasheet HTML 56Page - STMicroelectronics PM0020 Datasheet HTML 57Page - STMicroelectronics PM0020 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
Erase and program operation
PM00020
54/87
If OTP sector is selected,
Check if OTP_LOCK bit = “1”,
- If yes, exit with warning
- If no,
(a) upload OTP sector from DUT
(b) copy the last 2 bytes (16 bits)
from uploaded buffer and
overwrite to the program buffer
(c) program OTP sector and
OTP_LOCK bit, if applicable.
/ Check if OTP_LOCK bit is set
ISC-CONFIGURATION
if OTP_LOCK bit = “1”,
exit with message indicating OTP Lock-bit status
/upload OTP sector from DUT
ISC-READ(OTP Sector)
if read error, exit with error
else copy the last 2 bytes (16 bits) from uploaded buffer
and overwrite to the program buffer
/ program OTP sector
ISC-PROGRAM (OTP Sector, data)
if failed
{
ISC-CLR-STATUS
exit with error
}
/If file has OTP_LOCK bit = “1”, program OTP_LOCK bit
ISC-PROGRAM (Lock-bit Sector, data)
if failed
{
ISC-CLR-STATUS
exit with error
}
If security bit is set (D0=0), program
security-bit
/program security bit
ISC-PROGRAM-SECURITY
if failed
{
ISC-CLR-STATUS
report error and exit
}
Disable ISC mode
ISC-DISABLE
Disable Turbo Programming Mode
Disabling by either power-down or taking JTRSTn to low
Table 26.
Erase and program operation description (continued)
Description
Flow in sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com