Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0020 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 5Page - STMicroelectronics PM0020 Datasheet HTML 6Page - STMicroelectronics PM0020 Datasheet HTML 7Page - STMicroelectronics PM0020 Datasheet HTML 8Page - STMicroelectronics PM0020 Datasheet HTML 9Page - STMicroelectronics PM0020 Datasheet HTML 10Page - STMicroelectronics PM0020 Datasheet HTML 11Page - STMicroelectronics PM0020 Datasheet HTML 12Page - STMicroelectronics PM0020 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
PM00020
STR91xFA Flash memory
9/87
1
STR91xFA Flash memory
1.1
Features
●
Two Flash memory banks with a total capacity up to 2048+128 Kbytes
●
32-bit burst read access, 16-bit write access
●
Sequential Burst read up to 96 MHz
●
I-TCM (Instruction Tightly Coupled Memory) interface to ARM966-ES core
●
Branch Cache (BC) and Instruction prefetch queue (PFQ)
●
AHB Interface to FMI registers
●
Erasing on a sector or bank basis, and programming on a 16-bit halfword basis
●
Each bank can be programmed and erased over 100,000 cycles
●
20-year data retention
●
Each sector can be separately protected and unprotected against program and erase
●
Electronic Signature memory
●
256 bits of OTP data memory
●
Read-While-Write (RWW) Dual Bank operations
●
Security protection bit to lock JTAG access or readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com