Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0020 Datasheet(PDF) 72 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 68Page - STMicroelectronics PM0020 Datasheet HTML 69Page - STMicroelectronics PM0020 Datasheet HTML 70Page - STMicroelectronics PM0020 Datasheet HTML 71Page - STMicroelectronics PM0020 Datasheet HTML 72Page - STMicroelectronics PM0020 Datasheet HTML 73Page - STMicroelectronics PM0020 Datasheet HTML 74Page - STMicroelectronics PM0020 Datasheet HTML 75Page - STMicroelectronics PM0020 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
ISC logic description
PM00020
72/87
12.5.10
ISC CONFIGURATION
Description:
Shift out sector protect and bits and CSx and LVD configuration, Lock OTP
bit.
Requirement:
None
Register:
Configuration
Shift-In:
64 bits don't care
Shift-Out:
64 bits Configuration
Mode:
ISC and PSD
Security:
Fully functional
Sector-Protect protects the Main and Secondary Flash from being programmed/erased by
the controller. Once ISC is active, Sector-Protect has no impact on ISC. ISC can write to any
sector regardless of protection status. Note that this is different from security. Configuration
info is loaded upon power up to be read out during ISC_CONFIGURATION instruction.
Table 35.
ISC CONFIGURATION sequence
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC-CONFIGURATION
2DR-Scan
Shift out sector protect, Csx,
LVD configuration bits and Lock
OTP information
3
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com