Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0020 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 22Page - STMicroelectronics PM0020 Datasheet HTML 23Page - STMicroelectronics PM0020 Datasheet HTML 24Page - STMicroelectronics PM0020 Datasheet HTML 25Page - STMicroelectronics PM0020 Datasheet HTML 26Page - STMicroelectronics PM0020 Datasheet HTML 27Page - STMicroelectronics PM0020 Datasheet HTML 28Page - STMicroelectronics PM0020 Datasheet HTML 29Page - STMicroelectronics PM0020 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
STR91xFA Flash memory
PM00020
26/87
later time. If the LOCK bit in the Protection Level 2 Register is set, the OTP sector is
protected from any further write access. Refer to Section 1.13.2. You can modify the LOCK
bit using the LOTP command (see Section 1.12.8) or via the JTAG interface.
To program a halfword in the OTP sector:
1.
Write a Write OTP command (C0h) to any word address in Bank 1.
2.
Write the low or high halfword to be programmed to any address in Bank 1 using the
low byte of the word address to select the OTP word. Refer to Writing the OTP
locations can be non-sequential.
3.
After writing the data, reading any address within the bank 1 will return the Bank 1
Status Register data.
–
While programming is in progress the PECS bit in the Bank 1 Status Register is
‘0’. When programming is completed the PECS bit is ‘1’.
–
The PS bit in the Bank 1 Status Register returns ‘1’ if there has been a
programming error.
–
If the OTP sector is protected, the program operation aborts and the SP bit in the
Status Register returns ‘1’
4.
While programming is ongoing, Bank 1 accepts only Read Status Register (70h) and
Program/Erase Suspend (B0h) commands.
5.
At the end of the program operation:
–
Write a Clear Status Register (50h) command to the bank to reset the Status
Register.
–
Write a Read Array (FFh) command to return to normal operations.
1.12.10
PER program/erase resume (D0h)
Erase resume
If an Erase Suspend command was previously executed, the erase operation may be
resumed by writing the D0h command to a word address within the suspended bank. When
erase resumes:
●
The PECS and ESS bits in the Bank Status register are cleared.
●
Read operations to the bank being erased will return the Bank Status Register.
Erase cannot resume until program operations initiated during Erase Suspend have
completed. You can also nest suspends as follows:
1.
Suspend erase in the first bank
2.
Start programming in the second or in the same bank
3.
Suspend programming
4.
Then read from the second or the same bank
Program resume
If a Program Suspend instruction was previously executed, the Program operation may be
resumed by issuing the D0h command using an address within the suspended bank. When
programming resumes,
●
The PECS and PSS bits in the Bank Status register are cleared.
●
Read operations to the bank being programmed will return the Bank Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com