Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0020 Datasheet(PDF) 81 Page - STMicroelectronics

Part # PM0020
Description  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 77Page - STMicroelectronics PM0020 Datasheet HTML 78Page - STMicroelectronics PM0020 Datasheet HTML 79Page - STMicroelectronics PM0020 Datasheet HTML 80Page - STMicroelectronics PM0020 Datasheet HTML 81Page - STMicroelectronics PM0020 Datasheet HTML 82Page - STMicroelectronics PM0020 Datasheet HTML 83Page - STMicroelectronics PM0020 Datasheet HTML 84Page - STMicroelectronics PM0020 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 87 page
background image
PM00020
ISC logic description
81/87
12.5.19
ISC_READ
Description:
Read a sector (auto-incremented address)
Requirement:
Part is in ISC mode, unsecured
Register:
ISC_Data
Shift-In:
64 bits don't care
Shift-Out:
64 bits data
Mode:
ISC
Security:
Blocked
In step 4, 5uS is needed to allow time for capturing 64 bits.
In order to read a different sector, steps 0-7 need to be repeated. Address auto-increment
does not go to the next sector. When the end of sector is reached, continuing to repeat the
steps 4 & 5, the reading flow starts again from the beginning of the sector.
Note: The ISC_READ instruction can be used for reading the main and secondary Flash
sectors and OTP. It cannot be used for reading the Configuration bits, the User code and the
OTP Lock bit.
Table 47.
ISC_READ sequence
Step
Tap activity
Comment
0
Run-Test/Idle
Start
1
IR-Scan
Load ISC_ADDRESS_SHIFT
2
DR-Scan
Shift in 8 bits sector address
3
IR-Scan
Load ISC_READ
4
Run-Test/Idle
Wait 5uS; data read; address
incremented
5
DR-Scan
Shift out 64 bits of data
Repeat steps 4 & 5 until end of
sector
6
IR-Scan
Load ISC_NOOP
7
Run-Test/Idle
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com