Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 136 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 132Page - STMicroelectronics UM0851 Datasheet HTML 133Page - STMicroelectronics UM0851 Datasheet HTML 134Page - STMicroelectronics UM0851 Datasheet HTML 135Page - STMicroelectronics UM0851 Datasheet HTML 136Page - STMicroelectronics UM0851 Datasheet HTML 137Page - STMicroelectronics UM0851 Datasheet HTML 138Page - STMicroelectronics UM0851 Datasheet HTML 139Page - STMicroelectronics UM0851 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 245 page
background image
Non-volatile memory device drivers
UM0851
136/245
Doc ID 16604 Rev 2
1.
mount -t yaffs2 /dev/mtdblock7 /mnt
2.
time dd if=/dev/zero of=/mnt/file.bin bs=4K count=8192 (Write the file)
3.
umount /mnt
4.
mount -t yaffs2 /dev/mtdblock7 /mnt
5.
time dd if=/mnt/file.bin of=/dev/null bs=4K count=8192 (Read file back)
6.
umount /mnt
7.
mount -t yaffs2 /dev/mtdblock7 /mnt
8.
rm /mnt/file.bin
9.
umount /mnt
10. Repeat for bs = 8, 16, 32, 64K and count=4096, 2048, 1024, 512.
Figure 34.
NAND memory performance (yaffs2 type)
Results for JFFS2
In JFFS2, compression is on by default. This causes the writing of data, which is uniform, to
finish in much less time. Therefore compression was disabled from config.
Mount JFFS2 fs and write/read to a file. The sequence is as follows:
Table 37.
Results on SPEAr600
#
Block size in
Kbytes
File size in
MB
Duration
(seconds)
in write
Mega
byte/sec in
write
Duration
(seconds)
in read
Mega
byte/sec in
read
1
4
32
49.5
21.9
0.64
1.46
2
8
32
49.7
21.9
0.64
1.46
3
16
32
49.6
21.9
0.64
1.46
4
32
32
49.3
21.9
0.65
1.46
5
64
32
49.6
21.9
0.64
1.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com