Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 137 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 133Page - STMicroelectronics UM0851 Datasheet HTML 134Page - STMicroelectronics UM0851 Datasheet HTML 135Page - STMicroelectronics UM0851 Datasheet HTML 136Page - STMicroelectronics UM0851 Datasheet HTML 137Page - STMicroelectronics UM0851 Datasheet HTML 138Page - STMicroelectronics UM0851 Datasheet HTML 139Page - STMicroelectronics UM0851 Datasheet HTML 140Page - STMicroelectronics UM0851 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 245 page
background image
UM0851
Non-volatile memory device drivers
Doc ID 16604 Rev 2
137/245
1.
mount –t jffs2 /dev/mtdblock7 /mnt
2.
time dd if=/dev/zero of=/mnt/file.bin bs=4K count=8192 (Write the
3.
file)
4.
umount /mnt
5.
mount –t jffs2 /dev/mtdblock7 /mnt
6.
time dd if=/mnt/file.bin of=/dev/null bs=4K count=8192 (
7.
Read file back)
8.
umount /mnt
9.
mount –t jffs2 /dev/mtdblock7 /mnt
10. rm /mnt/file.bin
11. umount /mnt
12. Repeat for bs = 8, 16, 32, 64K and count=4096, 2048, 1024, 512.
Figure 35.
NAND memory performance (jffs2 type)
Table 38.
Results on SPEAr600
#
Block size
in Kbytes
File size
in MB
Duration
(seconds)
in write
Mega
byte/sec in
write
Duration
(seconds)
in read
Mega byte/sec in
read
1
4
32
22.311
1.434270091
17.92
1.785714286
2
8
32
22.127
1.446196954
14.984
2.135611319
3
16
32
22.129
1.446066248
17.59
1.819215463
4
32
32
21.933
1.458988738
17.506
1.827944705
5
64
32
22.03
1.452564685
17.462
1.832550681



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com