Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 139 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 135Page - STMicroelectronics UM0851 Datasheet HTML 136Page - STMicroelectronics UM0851 Datasheet HTML 137Page - STMicroelectronics UM0851 Datasheet HTML 138Page - STMicroelectronics UM0851 Datasheet HTML 139Page - STMicroelectronics UM0851 Datasheet HTML 140Page - STMicroelectronics UM0851 Datasheet HTML 141Page - STMicroelectronics UM0851 Datasheet HTML 142Page - STMicroelectronics UM0851 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 245 page
background image
UM0851
Non-volatile memory device drivers
Doc ID 16604 Rev 2
139/245
give access to the Ready/Busy pin, then the function must not be defined and the function
pointer "dev_ready"(in struct mtd_info) is set to NULL.
The SPEAr platform can use the device ready functionality by enabling the option,
CONFIG_FSMC_WAIT_DISABLE in compilation config. Obviously this needs hardware
connection (connection of NAND Flash R/B pin to GPIO pin) in the SPEAr board as well.
5.2
EMI interface driver
5.2.1
Hardware overview
The EMI controller provide a simple external memory interface for acessing external NOR
Flash memory or FPGA devices using only a few signals. This block is designed to perform
simple read-write operations and does not support burst-type operations (either on the AHB
or on the EMI interface).
EMI is a generic interface for general data exchange (for example with NOR Flash). The
data exchange flow of the attached device must be broken down into simple operations and
should be performed in accordance with the EMI cycles.
Main features:
●
AHB slave interface
●
Multiplexed address and data bus
●
EMI is always master on the EMI bus
●
Performs 32, 16, 8 bit transfers
●
Can access 6 different peripherals using CS#, one at a time
●
Supports single transfer with an ACK signal from the external peripheral, which is used
to terminate the transfer
●
Supports peripherals which use Byte Lane procedure
Prior to any read/write operation, the Timing and Control registers must be programmed.
The timing registers are used to time the EMI-interface signals with respect to the HCLK
cycles. There are various registers for extending the EMI interface signals to a specified
number of HCLK cycles. The Control register provides information about the peripheral
connected.
When a write operation to the peripheral is requested, then an AHB write operation is
initiated. Similarly, for a read operation an AHB read is done. The EMI supports 8-bit, 16-bit
and 32-bit peripherals. The following table lists the transactions supported by EMI.
Table 40.
Supported transactions
Peripheral connected
AHB access
Support
32 bit
32 bit
Yes
32 bit
16 bit
Yes
32 bit
8 bit
Yes
16 bit
32 bit
No (AHB Error, Interrupt)
16 bit
16 bit
Yes
16 bit
8 bit
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com