Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 142 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 138Page - STMicroelectronics UM0851 Datasheet HTML 139Page - STMicroelectronics UM0851 Datasheet HTML 140Page - STMicroelectronics UM0851 Datasheet HTML 141Page - STMicroelectronics UM0851 Datasheet HTML 142Page - STMicroelectronics UM0851 Datasheet HTML 143Page - STMicroelectronics UM0851 Datasheet HTML 144Page - STMicroelectronics UM0851 Datasheet HTML 145Page - STMicroelectronics UM0851 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 245 page
background image
Non-volatile memory device drivers
UM0851
142/245
Doc ID 16604 Rev 2
.mask_flags
= 0
},
{
.name
= "rootfs",
.offset
= 0x00380000,
.size
= 0x00500000,
.mask_flags
= 0
},
{
.name
= "userspace",
.offset
= 0x00880000,
.size
= 0x00780000,
.mask_flags
= 0
}
};
static struct physmap_flash_data emi_norflash_data = {
.width
= 4,
.parts
= emi_norflash_partitions,
.nr_parts
= ARRAY_SIZE(emi_norflash_partitions),
};
static struct resource emi_norflash_resource = {
.start
= NOR_FLASH_PHYS,
.end
= NOR_FLASH_PHYS + SZ_16M - 1,
.flags
= IORESOURCE_MEM,
};
static struct platform_device emi_norflash_device = {
.name
= "physmap-flash",
.id
= 0,
.dev
= {
.platform_data
= &emi_norflash_data,
},
.num_resources
= 1,
.resource
= &emi_norflash_resource,
};
These settings are based on two M28W640HC chips as used in the SPEAr310 Evaluation
board. You have to modify these settings for different chips.
How to support a new NOR Flash
In case of a new NOR Flash chip, the following needs to be checked in the global
configuration file of U-Boot:
1.
Change CFG_MAX_FLASH_SECT macro definition based on the number of blocks of
NOR Flash.
2.
If you want to change the partition size, the following macro definitions also need to be
modified:
–
CONFIG_BOOTCOMMAND
–
CFG_MONITOR_LEN
–
CFG_MONITOR_BASE
–
CFG_ENV_SIZE
In case of a new NOR Flash chip, the following need to be checked in the resource file of
Linux:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com