Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 143 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 139Page - STMicroelectronics UM0851 Datasheet HTML 140Page - STMicroelectronics UM0851 Datasheet HTML 141Page - STMicroelectronics UM0851 Datasheet HTML 142Page - STMicroelectronics UM0851 Datasheet HTML 143Page - STMicroelectronics UM0851 Datasheet HTML 144Page - STMicroelectronics UM0851 Datasheet HTML 145Page - STMicroelectronics UM0851 Datasheet HTML 146Page - STMicroelectronics UM0851 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 245 page
background image
UM0851
Non-volatile memory device drivers
Doc ID 16604 Rev 2
143/245
1.
If you want to change the partition size, the emi_norflash_partitions table should be
modified.
2.
If the bandwidth of the Flash is 8 bits, set emi_norflash_data.width to 1. If it is 16 bits,
set emi_norflash_data.width to 2. If it is 32 bits, set emi_norflash_data.width to 4.
3.
Set emi_norflash_resource.end as NOR_FLASH_PHYS + < Flash size > - 1
5.3
Serial NOR Flash driver
The serial NOR Flash is the primary method for booting the system. This section describes
the controller driver.
5.3.1
Hardware overview
NOR Flash is a non-volatile memory which is memory mapped and has a standard memory
interface. NOR Flash is well suited to use as code storage because of its reliability, fast read
operations, and random access capabilities. Because code can be directly executed in
place, NOR Flash is ideal for storing firmware, boot code, operating systems, and other data
that changes infrequently. NOR Flash memory has traditionally been used to store relatively
small amounts of executable code for embedded computing devices such as PDAs and cell
phones.
The NOR Flash used in SPEAr platform board is a Serial NOR Flash and is driven by a SMI
(Serial Memory Interface) controller. Serial Memory Interface (SMI), acting as an AHB slave
interface (32-, 16- or 8-bit), manages the clock, data access and status of NOR Flash
memory. The main features of SMI are:
●
Supports a group of SPI-compatible Flash and EEPROM devices.
●
SMI clock signal (SMI_CLK) is generated by SMI using clock provided by the AHB bus;
●
SMI_CLK can be up to 50 MHz in Fast Read mode (or 20 MHz in Normal mode), and it
can be controlled by a programmable 7-bits prescaler allowing then 127 different clock
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com