Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 149 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 145Page - STMicroelectronics UM0851 Datasheet HTML 146Page - STMicroelectronics UM0851 Datasheet HTML 147Page - STMicroelectronics UM0851 Datasheet HTML 148Page - STMicroelectronics UM0851 Datasheet HTML 149Page - STMicroelectronics UM0851 Datasheet HTML 150Page - STMicroelectronics UM0851 Datasheet HTML 151Page - STMicroelectronics UM0851 Datasheet HTML 152Page - STMicroelectronics UM0851 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 245 page
background image
UM0851
Non-volatile memory device drivers
Doc ID 16604 Rev 2
149/245
5.3.6
Serial NOR device driver performance
●
Hardware: ARM926EJS (333 MHz), STMicroelectronics 8 MB M25P64 Serial NOR
Flash.
●
Test Filesystem on the NAND Flash: JFFS2 (for /dev/mtdblock3)
●
Kernel: Linux-2.6.27
Results for JFFS2
Compression is on by default in JFFS2. This causes the writing of data, which is uniform, to
finish in much less time. Therefore compression was disabled from config.
Mount JFFS2 fs and write/read to a file. Sequence is as follows:
1.
mount –t jffs2 /dev/mtdblock3 /mnt
2.
time dd if=/dev/zero of=/mnt/file.bin bs=128K count=8 (Write the file)
3.
umount /mnt
4.
mount –t jffs2 /dev/mtdblock3 /mnt
5.
time dd if=/mnt/file.bin of=/dev/null bs=128K count=8 (Read file back)
6.
umount /mnt
7.
mount –t jffs2 /dev/mtdblock3 /mnt
8.
rm /mnt/file.bin
9.
umount /mnt
10. Repeat for bs = 128K, 256K, 512K, 1024K and count=8, 4,2, 1.
Note:
Please be sure that JFFS2 compression is disabled. To disable it, use the following Linux
configuration parameter: CONFIG_JFFS2_CMODE_NONE.
Table 41.
Results on SPEAr600
#
Block size in
Kbytes
File size
in MB
Duration
(seconds)
in write
Mega
byte/sec in
write
Duration
(seconds) in
read
Mega byte/sec
in read
1
4
1
2.28
0.438596491
0.12
8.333333333
2
8
1
2.85
0.350877193
0.12
8.333333333
3
16
1
2.27
0.440528634
0.12
8.333333333
4
32
1
2.27
0.440528634
0.12
8.333333333
5
64
1
2.27
0.440528634
0.12
8.333333333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com